Electronic Components Datasheet Search
  English  ▼

X  

DF141 Datasheet(PDF) 2 Page - Schneider Electric

Part # DF141
Description  Fuse carrier TeSys DF, 1P 50A, fuse size 14x51 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF141 Datasheet(HTML) 2 Page - Schneider Electric

  DF141 Datasheet HTML 1Page - Schneider Electric DF141 Datasheet HTML 2Page - Schneider Electric DF141 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
screw clamp terminals 2 0.00…0.02 in² (2.5…10 mm²)flexible with or without
Tightening torque
30.98 lbf.in (3.5 N.m)
Height
4.36 in (110.8 mm)
Width
1.04 in (26.5 mm)
Depth
3.01 in (76.5 mm)
Net Weight
0.31 lb(US) (0.140 kg)
Quantity per Set
Set of 6
Environment
Ambient air temperature for
storage
-40…176 °F (-40…80 °C)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C) with derating above 20°C
IP degree of protection
IP20 conforming to IEC 60529
Protective treatment
TH
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DF14
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407373
Nbr. of units in pkg.
1
Package weight(Lbs)
4.13 oz (117.0 g)
Returnability
No
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
4.37 in (11.1 cm)
Package 1 width
1.04 in (2.65 cm)
Package 1 Length
3.03 in (7.7 cm)
Unit Type of Package 2
P06
Number of Units in Package 2
576
Package 2 Weight
193.65 lb(US) (87.836 kg)
Package 2 Height
30.31 in (77 cm)
Package 2 width
23.62 in (60 cm)
Package 2 Length
31.50 in (80 cm)
Unit Type of Package 3
BB1
Number of Units in Package 3
6
Package 3 Weight
27.05 oz (767.0 g)
Package 3 Height
3.11 in (7.9 cm)
Package 3 width
4.45 in (11.3 cm)
Package 3 Length
6.46 in (16.4 cm)
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com