Electronic Components Datasheet Search
  English  ▼

X  

DF143NVC Datasheet(PDF) 1 Page - Schneider Electric

Part # DF143NVC
Description  Fuse carrier TeSys DF, 3PN 50A, fuse size 14x51 mm, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF143NVC Datasheet(HTML) 1 Page - Schneider Electric

  DF143NVC Datasheet HTML 1Page - Schneider Electric DF143NVC Datasheet HTML 2Page - Schneider Electric DF143NVC Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, 3P+N 50A,
fuse size 14x51 mm, blown fuse
indicator
DF143NVC
Price* : 128.00 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DF14
Device composition
tubular link locked in Neutral pole
Product compatibility
DF3EA fuse cartridge striker
DF3EN fuse cartridge striker
DF14AM auxiliary contact block
Poles description
3P + N
Fuse size
14 x 51 mm
Fuse type
, gG
, aM
Control type
Toggle
Local signalling
Blown fuse indication
[Ue] rated operational voltage
690 V AC
690 V DC
[Ie] rated operational current
50 A
[Ui] rated insulation voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ipk] rated peak withstand
current
15 kA with tubular links IEC 60269-1
Short-circuit withstand
120 kA 400 V IEC 60947-3
120 kA 500 V IEC 60947-3
80 kA 690 V IEC 60947-3
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
UL 4248-1
CSA C22.2 No 4248-1
Product certifications
IEC
UL Recognized
CSA
EAC
Mounting Support
35 mm symmetrical DIN rail
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - DF143NVC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF143NVC SCHNEIDER-DF143NVC Datasheet
164Kb / 3P
Fuse carrier TeSys DF, 3PN 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
More results

Similar Description - DF143NVC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF143VC SCHNEIDER-DF143VC Datasheet
149Kb / 3P
Fuse carrier TeSys DF, 3P 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF143NVC SCHNEIDER-DF143NVC Datasheet
164Kb / 3P
Fuse carrier TeSys DF, 3PN 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF142V SCHNEIDER-DF142V Datasheet
127Kb / 3P
Fuse carrier TeSys DF, 2P 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF141V SCHNEIDER-DF141V Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 1P 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF141NV SCHNEIDER-DF141NV Datasheet
129Kb / 3P
Fuse carrier TeSys DF, 1PN 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF141 SCHNEIDER-DF141 Datasheet
105Kb / 3P
Fuse carrier TeSys DF, 1P 50A, fuse size 14x51 mm, blown fuse indicator
Jul 12, 2021
DF141NV SCHNEIDER-DF141NV_V01 Datasheet
141Kb / 3P
Fuse carrier TeSys DF, 1PN 50A, fuse size 14x51 mm, blown fuse indicator
May 30, 2022
DF141V SCHNEIDER-DF141V_V01 Datasheet
118Kb / 3P
Fuse carrier TeSys DF, 1P 50A, fuse size 14x51 mm, blown fuse indicator
May 30, 2022
DF142V SCHNEIDER-DF142V_V01 Datasheet
139Kb / 3P
Fuse carrier TeSys DF, 2P 50A, fuse size 14x51 mm, blown fuse indicator
May 30, 2022
DF143VC SCHNEIDER-DF143VC_V01 Datasheet
162Kb / 3P
Fuse carrier TeSys DF, 3P 50A, fuse size 14x51 mm, blown fuse indicator
May 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com