Electronic Components Datasheet Search
  English  ▼

X  

DFCC1V Datasheet(PDF) 2 Page - Schneider Electric

Part # DFCC1V
Description  Fuse carrier TeSys DF, 1P 30A, fuse class CC, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DFCC1V Datasheet(HTML) 2 Page - Schneider Electric

  DFCC1V Datasheet HTML 1Page - Schneider Electric DFCC1V Datasheet HTML 2Page - Schneider Electric DFCC1V Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Width
0.69 in (17.5 mm)
Depth
2.40 in (61 mm)
Net Weight
0.09 lb(US) (0.042 kg)
Quantity per Set
Set of 12
Environment
Ambient air temperature for
storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-40…158 °F (-40…70 °C) with derating above 20°C
Operating altitude
0...6561.68 ft (0...2000 m) without derating
IP degree of protection
IP20
Pollution degree
3
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DFCC
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389118321700
Nbr. of units in pkg.
1
Package weight(Lbs)
2.15 oz (61.0 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.83 in (7.2 cm)
Package 1 width
0.67 in (1.7 cm)
Package 1 Length
2.52 in (6.4 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
12
Package 2 Weight
20.32 oz (576.0 g)
Package 2 Height
2.68 in (6.8 cm)
Package 2 width
3.35 in (8.5 cm)
Package 2 Length
8.74 in (22.2 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
180
Package 3 Weight
26.34 lb(US) (11.948 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com