Electronic Components Datasheet Search
  English  ▼

X  

FR05 Datasheet(PDF) 1 Page - First Components International

Part # FR05
Description  HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR05 Datasheet(HTML) 1 Page - First Components International

  FR05 Datasheet HTML 1Page - First Components International FR05 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Average Forward Rectified Current...I
O
@ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Conditions, 8.3 mS, ½ Sine Wave
Forward Voltage...V
F
@ I
F = 0.2 Amps (FR02)
@ I
F = 0.5 Amps (FR05)
DC Reverse Current...I
R
Typical Reverse Recovery Time...T
RR
Typical Junction Capacitance...C
J
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Peak Inverse Voltage...
FR02 & FR05 Series
Page 5-2
Data Sheet
HIGH VOLTAGE, FAST RECOVERY
MINIATURE PLASTIC RECTIFIERS
Units
............................................ 3 0 ................................................
............................................. 5.0 ...............................................
............................................. 500 ...............................................
......................................... -65 to 125 ..........................................
......................................... -65 to 150 ..........................................
n DESIGNED FOR PHOTO FLASH
APPLICATIONS
n LOW COST
n BEVELED ROUND CHIP,
AVALANCHE OPERATION
n MEETS UL SPECIFICATION 94V-0
FR02
FR05
(25-30)
(35-40)
(45-60)
Amps
Amps
Volts
µAmps
nS
pF
°C
°C
FR05-10
FR05.15
FR05-16
FR05-18
FR05-20
FR02-25
FR02-30
FR02-35
FR02-40
FR02-45
FR02-50
FR02-60
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Type
Package
V
RM
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-15
DO-15
DO-15
DO-15
DO-15
1000
1500
1600
1800
2000
2500
3000
3500
4000
4500
5000
6000
.230
.300
1.00 Min.
.031 typ.
.104
.140
JEDEC
D0-15
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41
6.0
8.0
12.0
2.0
6.0
6.0
4.0
9.0
0.2
0.2
0.2
0.5


Similar Part No. - FR05

ManufacturerPart #DatasheetDescription
logo
RFE international
FR05-10 RFE-FR05-10 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10 Datasheet
127Kb / 2P
FAST RECOVERY HIGH VOLTAHGE PHOTO FLASH RECTIFIER
FR05-10 FRONTIER-FR05-10 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FR05-10G FRONTIER-FR05-10G Datasheet
127Kb / 2P
FAST RECOVERY HIGH VOLTAGE PHOTO FLASH RECTIFIER
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - FR05

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
First Components Intern...
FV05M FCI-FV05M Datasheet
63Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
GP02 FCI-GP02 Datasheet
108Kb / 2P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
DR300 EDI-DR300 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
SR300 EDI-SR300 Datasheet
44Kb / 2P
FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Pan Jit International I...
1F1 PANJIT-1F1_04 Datasheet
41Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RGP10A SEMTECH_ELEC-RGP10A Datasheet
133Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
Pan Jit International I...
1F1 PANJIT-1F1_09 Datasheet
66Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
FR301 LEIDITECH-FR301 Datasheet
528Kb / 2P
Plastic Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com