Electronic Components Datasheet Search
  English  ▼

X  

FR31 Datasheet(PDF) 1 Page - First Components International

Part # FR31
Description  3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR31 Datasheet(HTML) 1 Page - First Components International

  FR31 Datasheet HTML 1Page - First Components International FR31 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FR30. . . 310 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 3.0A...V
F
Maximum DC Reverse Current...I
R
@
25°C
@ Rated DC Blocking Voltage
@ 100°C
Typical Junction Capacitance...C
J (Note 1)
Maximum Reverse Recovery Time...t
RR
Page 4-14
FR30
FR31
FR32
FR34
FR36
FR38
FR310
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Data Sheet
3.0 Amp FAST RECOVERY
PLASTICRECTIFIERS
Units
............................................. 3.0 ...............................................
............................................. 200 ...............................................
........................................ -65 to 150 .........................................
............................................. 1.3 ...............................................
............................................. 50 ...............................................
............................................. 100 ...............................................
............................................. 60 ...............................................
Volts
Volts
Volts
Amps
Amps
°C
Volts
µAmps
µAmps
pF
ns
n FAST SWITCHING FOR
HIGH EFFICIENCY
n HIGH SURGE CAPABILITY
150
150
150
150
250
500
500
n 3.0 AMP OPERATION @ T
A = 105°C, WITH
NO THERMAL RUNAWAY
n MEETS UL SPECIFICATION 94V-0
.285
.375
1.00 Min.
.050 typ.
.190
.210
JEDEC
D0-201AD
Electrical Characteristics


Similar Part No. - FR31

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR31 MACOM-FR31 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31-0001 MACOM-FR31-0001 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31-0002 MACOM-FR31-0002 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31-0003 MACOM-FR31-0003 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31-0004 MACOM-FR31-0004 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
More results

Similar Description - FR31

ManufacturerPart #DatasheetDescription
logo
Bytes
BY396 BYTES-BY396 Datasheet
46Kb / 1P
3.0 AMP FAST RECOVERY RECTIFIERS
FR301 BYTES-FR301 Datasheet
152Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
MR850 BYTES-MR850 Datasheet
153Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR301 FORMOSA-FR301 Datasheet
33Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
BY396 FCI-BY396 Datasheet
110Kb / 2P
3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
FR301 UNIOHM-FR301 Datasheet
66Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR301 LUGUANG-FR301 Datasheet
191Kb / 2P
3.0 AMP. Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
FR301 YIXIN-FR301 Datasheet
253Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com