Electronic Components Datasheet Search
  English  ▼

X  

MPC5607B Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC5607B
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607B Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC5607B Datasheet HTML 39Page - NXP Semiconductors MPC5607B Datasheet HTML 40Page - NXP Semiconductors MPC5607B Datasheet HTML 41Page - NXP Semiconductors MPC5607B Datasheet HTML 42Page - NXP Semiconductors MPC5607B Datasheet HTML 43Page - NXP Semiconductors MPC5607B Datasheet HTML 44Page - NXP Semiconductors MPC5607B Datasheet HTML 45Page - NXP Semiconductors MPC5607B Datasheet HTML 46Page - NXP Semiconductors MPC5607B Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
43
Figure 6. I/O input DC electrical characteristics definition
4.6.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 16 provides weak pull figures. Both pull-up and pull-down resistances are supported.
Table 15. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS (Schmitt
Trigger)
—
0.65VDD
—VDD +0.4
V
VIL
SR P Input low level CMOS (Schmitt
Trigger)
—
−0.4
—
0.35VDD
VHYS CC C Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
ILKG CC D Digital input leakage
No injection
on adjacent
pin
TA = −40 °C
—
2
200
nA
DTA = 25 °C
—
2
200
DTA = 85 °C
—
5
300
DTA = 105 °C
—
12
500
PTA = 125 °C
—
70
1000
WFI
2
2 In the range from 40 to 1000 ns, pulses can be filtered or not filtered, according to operating temperature and
voltage.
SR P Wakeup input filtered pulse
—
—
—
40
ns
WNFI
2 SR P Wakeup input not filtered pulse
—
1000
—
—
ns
VIL
VIN
VIH
PDIx = ‘1
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com