Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAVLL4R Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPC5606BAVLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAVLL4R Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPC5606BAVLL4R Datasheet HTML 66Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 67Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 68Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 69Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 70Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 71Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 72Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 73Page - NXP Semiconductors MPC5606BAVLL4R Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
70
4.12
Slow external crystal oscillator (32 kHz) electrical characteristics
The device provides a low power oscillator/resonator driver.
Figure 13. Crystal oscillator and resonator connection scheme
tFXOSCSU
CC T Fast external crystal
oscillator start-up time
fOSC = 4 MHz,
OSCILLATOR_MARGIN = 0
——
6
ms
fOSC = 16 MHz,
OSCILLATOR_MARGIN = 1
——
1.8
VIH
SR P Input high level CMOS
(Schmitt Trigger)
Oscillator bypass mode
0.65VDD
—VDD +0.4
V
VIL
SR P Input low level CMOS
(Schmitt Trigger)
Oscillator bypass mode
−0.4
—
0.35VDD
V
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 Stated values take into account only analog module consumption but not the digital contributor (clock tree and
enabled peripherals).
Table 37. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
OSC32K_XTAL
OSC32K_EXTAL
DEVICE
C2
C1
OSC32K_XTAL
OSC32K_EXTAL
RP
DEVICE
Note: OSC32_XTAL/OSC32_EXTAL must not be directly used to drive external circuits