Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 3 A, Low VCE(sat) PNP Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 1 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 0
1
Publication Order Number:
NSS12200W/D
NSS12200WT1G
12 V, 3 A, Low VCE(sat)
PNP Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical application are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
• High Current Capability (3 A)
• High Power Handling (Up to 650 mW)
• Low VCE(s) (170 mV Typical @ 1 A)
• Small Size
• This is a Pb−Free Device
Benefits
• High Specific Current and Power Capability Reduces Required PCB Area
• Reduced Parasitic Losses Increases Battery Life
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
−12
Vdc
Collector-Base Voltage
VCBO
−12
Vdc
Emitter-Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
Collector Current − Peak
IC
ICM
−2.0
−3.0
Adc
Electrostatic Discharge
ESD
HBM Class 3
MM Class C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
V2 = Specific Device Code
M = Date Code
G = Pb−Free Package
12 VOLTS
3.0 AMPS
PNP LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 163 mW
COLLECTOR
1, 2, 5, 6
3
BASE
4
EMITTER
SC−88/SOT−363
CASE 419B
STYLE 20
1
V2M
G
1
6
DEVICE MARKING
Device
Package
Shipping†
ORDERING INFORMATION
NSS12200WT1G
SOT−363
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
SS12T3 ONSEMI-SS12T3 Datasheet
102Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
102Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results

Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100UW3TCG ONSEMI-NSS12100UW3TCG Datasheet
86Kb / 5P
12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com