Electronic Components Datasheet Search
  English  ▼

X  

GP10 Datasheet(PDF) 1 Page - First Components International

Part # GP10
Description  1.0 Amp MEGARECTIFIERS Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GP10 Datasheet(HTML) 1 Page - First Components International

  GP10 Datasheet HTML 1Page - First Components International GP10 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n HIGH TEMPERATURE METALLURGI-
CALLY BONDED CONSTRUCTION
n SINTERED GLASS CAVITY-FREE
JUNCTION
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GP10A . . . 10M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 75°C
Non-Repetitive Peak Forward Surge Current...I
FSM
½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 1.0A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 75°C
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =75°C
T
A = 125°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Page 6-6
Data Sheet
1.0 Amp MEGARECTIFIERS
GP10A GP10B GP10D GP10G GP10J GP10K GP10M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
............................................. 1.0 ...............................................
............................................. 3 0 ...............................................
< ............................. 1.1 .......................... > < .... 1.2 .... >
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 3 0 ...............................................
............................................. 5.0 ...............................................
............................................. 5 0 ...............................................
............................................. 5 5 ...............................................
............................................. 2.0 ...............................................
......................................... -65 to 175 ..........................................
µAmps
µAmps
pF
°C/W
µS
°C
< ............................. 8.0 .......................... > < .... 7.0 .... >
n 1.0 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n TYPICAL I
R < 0.1 µAmp
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41


Similar Part No. - GP10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP10 XPPOWER-GP10 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-01R FRONTIER-GP10-01R Datasheet
132Kb / 3P
1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-02R FRONTIER-GP10-02R Datasheet
132Kb / 3P
1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-04R FRONTIER-GP10-04R Datasheet
132Kb / 3P
1A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - GP10

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGP10A FCI-RGP10A Datasheet
137Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
RGP15A FCI-RGP15A Datasheet
157Kb / 2P
1.5 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
RGP20A FCI-RGP20A Datasheet
150Kb / 2P
2.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
1N4001GP FCI-1N4001GP Datasheet
155Kb / 2P
1.0 Amp MEGARECTIFIERS
1N4933GP FCI-1N4933GP Datasheet
153Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
GF1A FCI-GF1A Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
GL41A FCI-GL41A Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
RGF1A FCI-RGF1A Datasheet
141Kb / 2P
1.0 Amp MEGARECTIFIERS
RGL41A FCI-RGL41A Datasheet
157Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com