Electronic Components Datasheet Search
  English  ▼

X  

ATS-640050100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-640050100
Description  AT1990 Air Head Crimp Tool
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-640050100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-640050100 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 2Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 3Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 4Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 5Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 6Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 7Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 8Page - Molex Electronics Ltd. ATS-640050100 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AT1990 Air Head Crimp Tool
Doc. No. ATS-640050100
Release Date: 07-08-02
UNCONTROLLED COPY
Page 2 of 20
Revision: Q
Revision Date: 11-24-14
The following is a partial list of the product part numbers and their specifications that this tool is designed to run.
We will be adding to this list and an up to date copy is available on www.molex.com.
Wire Size: 18 – 22 AWG 0.80 – 0.35mm²
Terminal No.
Terminal
Eng No. (REF)
Wire Strip
Length
Insulation
Dia. Max.
In
mm
In
mm
19023-0005
AMCT-2X
.312 7.93 .145 3.68
19023-0007
AMMCT-2X
.234 5.95
19025-0001
AMCT-5
.312 7.93 .140 3.55
19025-0002
AMCT-57
.312 7.93 .140 3.55
19026-0003
AMCT-8
.312 7.93 .140 3.55
19026-0004
AMCT-87
.312 7.93
19034-0001
A-769
.312 7.94 .145 3.68
19034-0002
A-259X
.312 7.94 .145 3.68
19034-0005
A-269X
.312 7.94 .145 3.68
19035-0001
A-559
.312 7.94 .145 3.68
19035-0003
A-569
.312 7.94 .145 3.68
19036-0001
A-859
.312 7.94 .145 3.68
19036-0003
A-869
.312 7.94 .145 3.68
19054-0031
A-220-02X
.312 7.94 .145 3.68
19054-0032
A-220-04X
.312 7.94 .145 3.68
19054-0033
A-220-06X
.312 7.94 .145 3.68
19054-0035
A-221-06X
.312 7.94 .145 3.68
19054-0037
A-221-08X
.312 7.94 .145 3.68
19054-0039
A-221-10X
.312 7.94 .145 3.68
19054-0041
A-222-10X
.312 7.94 .145 3.68
19054-0042
A-222-14X
.312 7.94 .145 3.68
19054-0044
A-222-56X
.312 7.94 .145 3.68
19054-0046
A-226-10X
.312 7.94 .145 3.68
19054-0047
A-226-14X
.312 7.94 .145 3.68
19054-0048
A-226-38X
.312 7.94 .145 3.68
19054-0050
A-226-56X
.312 7.94 .145 3.68
19054-0051
A-232-04X
.312 7.94 .145 3.68
19054-0052
A-232-06X
.312 7.94 .145 3.68
19054-0054
A-232-08X
.312 7.94 .145 3.68
19054-0058
A-233-08X
.312 7.94 .145 3.68
19054-0059
A-233-10X
.312 7.94 .145 3.68
19054-0060
AB-225-10HD
.234 5.95 .175 4.44
19054-0061
AB-225-14HD
.234 5.95 .175 4.44
19054-0062
AB-225-56HD
.234 5.95 .175 4.44
19055-0001
A-620-02X
.312 7.94 .145 3.68
19055-0003
A-620-04X
.312 7.94 .145 3.68
19055-0006
A-620-06X
.312 7.94 .145 3.68
19055-0008
A-621-06X
.312 7.94 .145 3.68
19055-0011
A-621-08X
.312 7.94 .145 3.68
19055-0014
A-621-10X
.312 7.94 .145 3.68
19055-0016
A-622-10X
.312 7.94 .145 3.68
19055-0018
A-622-14X
.312 7.94 .145 3.68
19055-0020
A-622-56X
.312 7.94 .145 3.68
19055-0022
A-626-10X
.312 7.94 .145 3.68
19055-0023
A-626-14X
.312 7.94 .145 3.68
19055-0025
A-626-38X
.312 7.94 .145 3.68
Wire Size: 18 – 22 AWG 0.80 – 0.35mm²
Terminal No.
Terminal
Eng No. (REF)
Wire Strip
Length
Insulation
Dia. Max.
In
mm
In
mm
19055-0027
A-626-56X
.312 7.94 .145 3.68
19055-0029
A-632-04X
.312 7.94 .145 3.68
19055-0031
A-632-06X
.312 7.94 .145 3.68
19055-0033
A-632-08X
.312 7.94 .145 3.68
19055-0038
A-633-10X
.312 7.94 .145 3.68
19057-0001
A-520-02
.312 7.94 .145 3.68
19057-0003
A-520-04
.312 7.94 .145 3.68
19057-0005
A-520-06
.312 7.94 .145 3.68
19057-0007
A-521-06
.312 7.94 .145 3.68
19057-0009
A-521-08
.312 7.94 .145 3.68
19057-0011
A-521-10
.312 7.94 .145 3.68
19057-0013
A-522-10
.312 7.94 .145 3.68
19057-0015
A-522-14
.312 7.94 .145 3.68
19057-0017
A-522-56
.312 7.94 .145 3.68
19057-0019
A-526-10
.312 7.94 .145 3.68
19057-0020
A-526-14
.312 7.94 .145 3.68
19057-0022
A-526-38
.312 7.94 .145 3.68
19057-0024
A-526-56
.312 7.94 .145 3.68
19057-0026
A-532-04
.312 7.94 .145 3.68
19057-0028
A-532-06
.312 7.94 .145 3.68
19057-0030
A-532-08
.312 7.94 .145 3.68
19057-0035
A-533-10
.312 7.94 .145 3.68
19058-0008
A-821-06
.312 7.94 .145 3.68
19070-0001
AA-2111-02X
.234 5.95 .145 3.68
19070-0003
AA-2111-04X
.234 5.95 .145 3.68
19070-0005
AA-220-02X
.234 5.95 .145 3.68
19070-0007
AA-220-04X
.234 5.95 .145 3.68
19070-0009
AA-220-06X
.234 5.95 .145 3.68
19070-0011
AA-221-06X
.234 5.95 .145 3.68
19070-0013
AA-221-08X
.234 5.95 .145 3.68
19070-0015
AA-221-10X
.234 5.95 .145 3.68
19070-0016
AA-221-10XR90 .234 5.95 .145 3.68
19070-0018
AA-221-10T45
.234 5.95 .145 3.68
19070-0019
AA-221-209X
.234 5.95 .145 3.68
19070-0021
AA-222-10X
.234 5.95 .145 3.68
19070-0023
AA-222-14X
.234 5.95 .145 3.68
19070-0026
AA-222-56X
.234 5.95 .145 3.68
19070-0029
AA-226-10X
.234 5.95 .145 3.68
19070-0031
AA-226-14X
.234 5.95 .145 3.68
19070-0033
AA-226-38X
.234 5.95 .145 3.68
19070-0036
AA-226-56X
.234 5.95 .145 3.68
19070-0038
AA-232-04X
.234 5.95 .145 3.68
19070-0040
AA-232-06X
.234 5.95 .145 3.68
19070-0044
AA-232-08X
.234 5.95 .145 3.68
19070-0051
AA-233-10X
.234 5.95 .145 3.68
19070-0394
AA-220-06XR90 .234 5.95 .145 3.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com