Electronic Components Datasheet Search
  English  ▼

X  

LS1D30 Datasheet(PDF) 1 Page - Schneider Electric

Part # LS1D30
Description  Fuse Holder, TeSys LS1, 3P, 30A, fuse type CC or KTKR, 0.41in x 1.5in fuse, DIN rail mount, screw type terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D30 Datasheet(HTML) 1 Page - Schneider Electric

  LS1D30 Datasheet HTML 1Page - Schneider Electric LS1D30 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Fuse Holder, TeSys LS1, 3P, 30A,
fuse type CC or KTKR, 0.41in x
1.5in fuse, DIN rail mount, screw
type terminals
LS1D30
Product availability : Stock - Normally stocked in distribution
facility
Price* : 57.00 USD
Main
Range
TeSys
Product name
TeSys LS1
Product or Component Type
Fuse-disconnector
Device short name
LS1D
Poles description
3P
Complementary
Mounting Support
Rail
Mounting position
Vertical +/- 23°)
Control Type
Toggle
[Ue] rated operational voltage
600 V
[Ie] rated operational current
30 Apower circuit
Local signalling
Blown fuse indication
Fuse size
0.41 x 1.50 in
Fuse type
CC
Connections - terminals
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)solid
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)flexible without cable end
screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)flexible with cable end
Tightening torque
15.05 lbf.in (1.7 N.m) screw clamp terminals
Environment
Standards
IEC 60947-1
IEC 60947-2
IEC 60947-4-1
UL 508
Product Certifications
UL
CSA
IP degree of protection
IP20
Protective treatment
TH
Ambient air temperature for
operation
-58…158 °F (-50…70 °C) operation
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - LS1D30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LS1D30 SCHNEIDER-LS1D30 Datasheet
103Kb / 2P
Fuse Holder, TeSys LS1, 3 pole, 30A, fuse type CC or KTKR, 0.41in x 1.5in fuse, DIN rail mount, screw type terminals
Jul 12, 2021
LS1D30 SCHNEIDER-LS1D30 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
LS1D303 SCHNEIDER-LS1D303 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
More results

Similar Description - LS1D30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LS1D30 SCHNEIDER-LS1D30 Datasheet
103Kb / 2P
Fuse Holder, TeSys LS1, 3 pole, 30A, fuse type CC or KTKR, 0.41in x 1.5in fuse, DIN rail mount, screw type terminals
Jul 12, 2021
DFCC3V SCHNEIDER-DFCC3V Datasheet
107Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC2 SCHNEIDER-DFCC2 Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V Datasheet
90Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1 Datasheet
89Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
May 30, 2022
DFCC2 SCHNEIDER-DFCC2_V01 Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
May 30, 2022
DFCC3V SCHNEIDER-DFCC3V_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DFCC3 SCHNEIDER-DFCC3_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
May 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com