Electronic Components Datasheet Search
  English  ▼

X  

SOTZ Datasheet(PDF) 1 Page - First Components International

Part # SOTZ
Description  2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SOTZ Datasheet(HTML) 1 Page - First Components International

  SOTZ Datasheet HTML 1Page - First Components International SOTZ Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 200mWPOWER DISSIPATION
n PLANAR PROCESS
Mechanical Dimensions
n INDUSTRY STANDARD SOT 23 PACKAGE
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25OC.
Maximum Ratings
Peak Power Dissipation...P
D
Junction Temperature
Operating Temperature...T
J
Storage Temperature...T
STRG
SOT Z Series
Data Sheet
2.4V to 20V SOT 23
ZENER DIODES (1/4 Watt)
Units
mW
°C
°C
°C
........................................... 200 ............................................
........................................... 150 ............................................
......................................... -25 to 100 ..........................................
......................................... -55 to 150 ..........................................
Page 10-48
.110
.060
.037
.037
.115
.016
.043
.004
.016
1
2
3
Electrical Characteristics @ 25oC
Zener Voltage


Similar Part No. - SOTZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOTZP-002GD-P0.18 ETC2-SOTZP-002GD-P0.18 Datasheet
232Kb / 8P
Crimping tools and machines
SOTZP-002GD-P0.18 ETC2-SOTZP-002GD-P0.18 Datasheet
224Kb / 8P
APPLICATION TOOLING
More results

Similar Description - SOTZ

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
2.4V to 110V MLL ZENER DIODES (1/2 Watt)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 91V)
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com