Electronic Components Datasheet Search
  English  ▼

X  

SMC310 Datasheet(PDF) 1 Page - First Components International

Part # SMC310
Description  3.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMC310 Datasheet(HTML) 1 Page - First Components International

  SMC310 Datasheet HTML 1Page - First Components International SMC310 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
SMC31 . . . 310 Series
Average Forward Rectified Current...I
F(av)
Non-Repetitive Peak Forward Surge Current...I
FSM
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 3.0 A...V
F
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =
25°C
T
C =75°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC
Page 10-28
Data Sheet
3.0 Amp SURFACE MOUNT
PLASTIC SILICON DIODES
Units
Volts
Volts
Volts
n LOW COST
n HIGH CURRENT CAPABILITY
n HIGH SURGE CAPABILITY
n LOW FORWARD VOLTAGE WITH
LOW LEAKAGE CURRENT
n MEETS UL SPECIFICATION 94V-0
............................................. 3.0 ...............................................
............................................. 200 ...............................................
............................................. 1.1 ...............................................
............................................. 5.0 ...............................................
............................................. 100 ...............................................
............................................. 50 ...............................................
............................................. 28 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
pF
°C / W
SMC31
SMC32
SMC34
SMC36
SMC38 SMC310
100
200
400
600
800
1000
70
140
280
420
560
700
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
......................................... -65 to 175 ..........................................
Electrical Characteristics
DO-214AB
(SMC)


Similar Part No. - SMC310

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMC3100 FCI-SMC3100 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
SMC3100 FCI-SMC3100 Datasheet
243Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
logo
Guangdong Kexin Industr...
SMC3100 KEXIN-SMC3100 Datasheet
921Kb / 2P
Schottky Diodes
More results

Similar Description - SMC310

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMAL101 FCI-SMAL101 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMB21 FCI-SMB21 Datasheet
125Kb / 2P
2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES Mechanical Dimensions
SMA11 FCI-SMA11 Datasheet
110Kb / 2P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
logo
UNIOHM CORPORATION
S3A UNIOHM-S3A Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3AB UNIOHM-S3AB Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
S3A GWSEMI-S3A Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3AB GWSEMI-S3AB Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S3ASMA DGNJDZ-S3ASMA Datasheet
126Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3ASMC DGNJDZ-S3ASMC Datasheet
118Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com