Electronic Components Datasheet Search
  English  ▼

X  

0902412 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0902412
Description  Thermomagnetic device circuit breaker - TMC 63C 25A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0902412 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0902412 Datasheet HTML 1Page - PHOENIX CONTACT 0902412 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0902412
01.06.2012   Page 1 / 2
Thermomagnetic device circuit breaker - TMC 63C 25A - 0902412
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Thermomagnetic circuit breaker, three-pole, 25 A thermal trip. DIN rail mounted and UL 1077-
recognized with optional auxiliary contact for either S or H remote signal. Protects wiring and
equipment from overcurrent and short circuit faults.
Key commercial data
Packing unit
1
Minimum order quantity
24
GTIN
Custom tariff number
85362010
Country of origin
HUNGARY
Classifications
eclass
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 6.0
27141116
etim
ETIM 3.0
EC000899
ETIM 4.0
EC000899
unspsc
UNSPSC 6.01
30211812
UNSPSC 7.0901
39121411
UNSPSC 11
39121411
UNSPSC 12.01
39121411
UNSPSC 13.2
39121411
Approvals
Certificates
Certification
CSA / UL Recognized / cUL Recognized / cULus Recognized
Certification EX


Similar Part No. - 0902412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902409 PHOENIX-0902409 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 20A
01.06.2012
0902425 PHOENIX-0902425 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 32A
01.06.2012
0902438 PHOENIX-0902438 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 40A
01.06.2012
0902454 PHOENIX-0902454 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 63A
01.06.2012
More results

Similar Description - 0902412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902328 PHOENIX-0902328 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 01A
01.06.2012
0902331 PHOENIX-0902331 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 02A
01.06.2012
0902357 PHOENIX-0902357 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 04A
01.06.2012
0902360 PHOENIX-0902360 Datasheet
57Kb / 3P
Thermomagnetic device circuit breaker - TMC 63C 06A
04.10.2012
0902373 PHOENIX-0902373 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 10A
01.06.2012
0902386 PHOENIX-0902386 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 13A
01.06.2012
0902399 PHOENIX-0902399 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 63C 16A
04.10.2012
0902409 PHOENIX-0902409 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 20A
01.06.2012
0902425 PHOENIX-0902425 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 32A
01.06.2012
0902454 PHOENIX-0902454 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 63A
01.06.2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com