Electronic Components Datasheet Search
  English  ▼

X  

LL5221B Datasheet(PDF) 2 Page - First Components International

Part # LL5221B
Description  쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL5221B Datasheet(HTML) 2 Page - First Components International

  LL5221B Datasheet HTML 1Page - First Components International LL5221B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
½Watt
ZENER DIODES (2.4V to 62V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: LL5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Nominal
Zener
Voltage
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Temp. Coeff. of V
Z (% /
o
C)
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK =
0.25mA
(Ω)
Part #
I
R (µA)
V
R (V)
Max.
Zener Voltage
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
LL5221A or B
LL5222A or B
LL5223A or B
LL5224A or B
LL5225A or B
LL5226A or B
LL5227A or B
LL5228A or B
LL5229A or B
LL5230A or B
LL5231A or B
LL5232A or B
LL5233A or B
LL5234A or B
LL5235A or B
LL5236A or B
LL5237A or B
LL5238A or B
LL5239A or B
LL5240A or B
LL5241A or B
LL5242A or B
LL5243A or B
LL5244A or B
LL5245A or B
LL5246A or B
LL5247A or B
LL5248A or B
LL5249A or B
LL5250A or B
LL5251A or B
LL5252A or B
LL5253A or B
LL5254A or B
LL5255A or B
LL5256A or B
LL5257A or B
LL5258A or B
LL5259A or B
LL5260A or B
LL5261A or B
LL5262A or B
LL5263A or B
LL5264A or B
LL5265A or B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
150
170
185
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
1400
1400
100
100
75
75
50
25
15
10
5
5
5
5
5
5
5
3
3
3
3
3
2
1
.5
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
1
1
1
1
1
1
1
1
1
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
15
16
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
-0.085
-0.085
-0.08
-0.08
-0.075
-0.07
-0.065
-0.06
+/- 0.055
+/- 0.03
+/- 0.03
+ 0.038
+ 0.038
+ 0.045
+ 0.050
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
Page 10-47



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com