Electronic Components Datasheet Search
  English  ▼

X  

DF222 Datasheet(PDF) 2 Page - Schneider Electric

Part # DF222
Description  Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF222 Datasheet(HTML) 2 Page - Schneider Electric

  DF222 Datasheet HTML 1Page - Schneider Electric DF222 Datasheet HTML 2Page - Schneider Electric DF222 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
screw clamp terminals 2 0.00…0.04 in² (2.5…25 mm²)flexible with or without
Tightening torque
35.40 lbf.in (4 N.m)
Height
5.02 in (127.5 mm)
Width
2.76 in (70 mm)
Depth
3.01 in (76.5 mm)
Net Weight
0.96 lb(US) (0.436 kg)
Quantity per Set
Set of 3
Environment
Ambient air temperature for
storage
-40…176 °F (-40…80 °C)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C) with derating above 20°C
IP degree of protection
IP20 conforming to IEC 60529
Protective treatment
TH
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DF22
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407519
Nbr. of units in pkg.
1
Package weight(Lbs)
12.98 oz (368.0 g)
Returnability
No
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.02 in (12.75 cm)
Package 1 width
2.76 in (7 cm)
Package 1 Length
3.03 in (7.7 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
27
Package 2 Weight
24.47 lb(US) (11.098 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
BB1
Number of Units in Package 3
3
Package 3 Weight
2.61 lb(US) (1.183 kg)
Package 3 Height
8.39 in (21.3 cm)
Package 3 width
5.04 in (12.8 cm)
Package 3 Length
3.07 in (7.8 cm)
2
Jun 2, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com