Electronic Components Datasheet Search
  English  ▼

X  

DF22N Datasheet(PDF) 1 Page - Schneider Electric

Part # DF22N
Description  Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF22N Datasheet(HTML) 1 Page - Schneider Electric

  DF22N Datasheet HTML 1Page - Schneider Electric DF22N Datasheet HTML 2Page - Schneider Electric DF22N Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, Neutral
125A, fuse size 22x58 mm, with
tubular link
DF22N
Price* : 48.00 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DF22
Device composition
tubular link locked in Neutral pole
Poles description
1N
Fuse size
22 x 58 mm
Fuse type
, gG
, aM
Control type
Toggle
[Ue] rated operational voltage
690 V AC
690 V DC
[Ie] rated operational current
125 A
[Ui] rated insulation voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ipk] rated peak withstand
current
19 kA with tubular links IEC 60269-1
Short-circuit withstand
120 kA 400 V IEC 60947-3
120 kA 500 V IEC 60947-3
80 kA 690 V IEC 60947-3
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
UL 4248-1
CSA C22.2 No 4248-1
Product certifications
IEC
UL Recognized when associated with a phase fuse carrier
CSA
EAC
Mounting Support
35 mm symmetrical DIN rail
Mounting position
Vertical +/- 23°)
Connections - terminals
screw clamp terminals 1 0.00…0.05 in² (2.5…35 mm²)rigid
screw clamp terminals 2 0.00…0.04 in² (2.5…25 mm²)rigid
screw clamp terminals 1 0.00…0.05 in² (2.5…35 mm²)flexible with or without
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 2, 2022
1


Similar Part No. - DF22N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF22N SCHNEIDER-DF22N Datasheet
107Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jul 12, 2021
More results

Similar Description - DF22N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF223C SCHNEIDER-DF223C Datasheet
153Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm
Jul 12, 2021
DF222 SCHNEIDER-DF222 Datasheet
134Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm
Jul 12, 2021
DF221 SCHNEIDER-DF221 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm
Jul 12, 2021
DF22N SCHNEIDER-DF22N Datasheet
107Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jul 12, 2021
DF14N SCHNEIDER-DF14N Datasheet
104Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
Jul 12, 2021
DF10N SCHNEIDER-DF10N_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link
May 30, 2022
DF14N SCHNEIDER-DF14N_V01 Datasheet
116Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
May 30, 2022
DF221 SCHNEIDER-DF221_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm
May 30, 2022
DF223C SCHNEIDER-DF223C_V01 Datasheet
165Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm
May 30, 2022
DF222 SCHNEIDER-DF222_V01 Datasheet
146Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com