Electronic Components Datasheet Search
  English  ▼

X  

K-MS Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # K-MS
Description  Mounting Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

K-MS Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  K-MS Datasheet HTML 1Page - Pepperl+Fuchs Inc. K-MS Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Socket
K-MS
< 1-channel
< KF module DIN rail isolation block
< Snaps on to 35 mm DIN rail acc. to EN 60715
< Easy panel mounting
Mounting Socket
Function
This mounting socket enables the "snap-on" mounting of K devices on a 35 mm DIN rail when there is not enough space to install the Power Rail
device contacts.
Sockets can be mounted in rows, so mounting can be accomplished with a minimum loss of space. The socket may also be used to cover unused
mounting positions on the Power Rail.
Assembly
35 mm DIN rail per EN 60715
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - K-MS

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
K-M3.5-2.0-C4-SP-Z Z=C/C LABFACILITY-K-M3.5-2.0-C4-SP-Z Z=C/C Datasheet
741Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- IEC
Nov-23
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
More results

Similar Description - K-MS

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PAC100-CXDXXX P-TEC-PAC100-CXDXXX Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PDC36-CXDXXX P-TEC-PDC36-CXDXXX Datasheet
784Kb / 9P
Easy mounting on PCB or socket
PDM57300X-W01 P-TEC-PDM57300X-W01 Datasheet
404Kb / 7P
Easy mounting on PCB or socket
PDM57400X-W01 P-TEC-PDM57400X-W01 Datasheet
407Kb / 7P
Easy mounting on PCB or socket
PDM58230X-W01 P-TEC-PDM58230X-W01 Datasheet
414Kb / 7P
Easy mounting on PCB or socket
PDM58460 P-TEC-PDM58460 Datasheet
621Kb / 8P
Easy mounting on PCB or socket
PDC303SM-CXMXXX P-TEC-PDC303SM-CXMXXX Datasheet
806Kb / 9P
Easy mounting on PCB or socket
PDC563SM-CXMXXX P-TEC-PDC563SM-CXMXXX Datasheet
1Mb / 9P
Easy mounting on PCB or socket
PDM88185 P-TEC-PDM88185 Datasheet
713Kb / 8P
Easy mounting on PCB or socket
logo
PHOENIX CONTACT
0916589 PHOENIX-0916589 Datasheet
111Kb / 8P
Box mounting base - TMCP SOCKET M
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com