Electronic Components Datasheet Search
  English  ▼

X  

MPC5645BCACLU8 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC5645BCACLU8
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645BCACLU8 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC5645BCACLU8 Datasheet HTML 8Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 9Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 10Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 11Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 12Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 13Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 14Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 15Page - NXP Semiconductors MPC5645BCACLU8 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Package pinouts and signal descriptions
NXP Semiconductors
12
F = Fast1, 2
I = Input only with analog feature1
A = Analog
3.2
System pins
The system pins are listed in Table 3.
3.3
Functional ports
The functional port pins are listed in Table 4.
Table 3. System pin descriptions
Port pin
Function
I/O
direction
Pad
type
RESET
config.
Pin number
RESET
Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input, weak
pull-up only
after
PHASE2
29
29
K1
EXTAL
Analog input of the oscillator amplifier
circuit. Needs to be grounded if oscillator
bypass mode is used.
IA1
1 For analog pads, it is not recommended to enable IBE if APC is enabled to avoid extra current in middle range
voltage.
—58
74
T8
XTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
I/O
A1
—56
72
T7
Table 4. Functional port pin descriptions
Port
pin
PCR
Function
Pin number
PA[0]
PCR[0]
AF0
AF1
AF2
AF3
—
—
GPIO[0]
E0UC[0]
CLKOUT
E0UC[13]
WKPU[19]
CAN1RX
SIUL
eMIOS_0
MC_CGM
eMIOS_0
WKPU
FlexCAN_1
I/O
I/O
O
I/O
I
I
M/S
Tristate
24
24
G4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com