Electronic Components Datasheet Search
  English  ▼

X  

SMB118 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMB118
Description  Seven-Channel Programmable DC-DC Power Manager with Battery Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB118 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

  SMB118 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 1 page
background image
SMB118/218
Summit Microelectronics, Inc
2107 3.0 10/15/2008
9
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias……………….-55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VBATT............................................. -0.3V to +6.5V
VIN[7:5], LDOIN3............................ -0.3V to +6.5V
All Others ........................................ -0.3V to +6.5V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 s).......................... 300
°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC…………………....……..2000V
Latch-Up testing per JEDEC………..…....……
±100mA
Commercial Temperature Range ................0°C to +70°C
Industrial Temperature Range ................ -40°C to +85°C
VBATT.......................................................+2.7V to +6.0V
VIN[6:3], LDOIN2 ......................................+2.7V to +6.0V
DOCK_DC.................................................+4.5V to +6.0V
48-lead 7x7 QFN Package Thermal Resistance (
θJA)
Die paddle not attached to PCB.......................... 53°C/W
Die paddle attached to PCB............................. 22.9°C/W
Moisture Classification Level 3 (MSL 3) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention ................................................. 100 Years
Endurance................................................100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
General
VBATT
Input supply voltage
+2.7
+6.0
V
VIN[6:3],
LDOIN2
Regulator power supply
voltage
+2.7
+6.0
V
VBATT rising
2.3
2.4
V
VUVLO
Under-voltage lockout
voltage
VBATT falling
2.1
V
IDD-ACTIVE
Active supply current
All regulators and monitors
enabled – no load, VBATT = 4.2V
3.3
4.5
mA
IDD-STANDBY
Standby supply current
All regulators disabled, monitors
active, VBATT = 4.2V
135
300
µA
IDD-SHUTDOWN
Shutdown supply current
All regulators and monitors
disabled
0.6
5
µA
TSHDN
Thermal shutdown temp
160
oC
THYST
Thermal shutdown temp
hysteresis
20
oC
VDD_CAP
Voltage on VDD_CAP pin
All logic derived from this
voltage, no load
2.4
2.5
2.6
V
T = 0°C to +70°C
900
1000
1100
fOSC
Oscillator frequency
(Note 1)
T = -40°C to +85°C
850
1000
1150
kHz
Note - The device is not guaranteed to function outside its operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational sections of the specification is not implied.
Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Devices
are ESD sensitive. Handling precautions are recommended.
PLEASE NOTE: The SMB118 has entered End-of-Life.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com