Electronic Components Datasheet Search
  English  ▼

X  

SMB118 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB118
Description  Seven-Channel Programmable DC-DC Power Manager with Battery Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB118 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB118 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB118/218
© SUMMIT Microelectronics, Inc. 2008
757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
1
http://www.summitmicro.com/
2107 3.0 10/15/2008
Six-Channel Programmable DC-DC Power Managers with Battery Charger
INTRODUCTION
• Digital programming of all major parameters via I2C interface
and non-volatile memory
o
Output voltage setpoint/margining
o
Sequencing & digital soft start
o
Enable/Disable outputs independently
o
Input/Output UV/OV voltage thresholds
o
PWM/PFM mode
• Six programmable regulator channels with 1.5% accuracy
o
Three synchronous step-down (Buck) with
internal PFETs
o
One configurable step-up (Boost) or
synchronous step-down (Buck)
o
One step-up (Boost)
o
One adjustable output voltage LDO
• Programmable Linear Li-Ion Battery Charger
o
Precharge/fast charge/termination current
o
Fast Charge voltage threshold
o
Float Voltage
• +2.7V to +6.0V Input Range (Higher system voltages supported)
• Built-in current limiting, UV/OV, and thermal protection
• Highly accurate reference and output voltage
• 1MHz PWM frequency and power-saving automatic PFM mode
• 96 bytes of user configurable nonvolatile memory
Applications
• Portable Media Players
• Digital camcorders/still cameras
• Smart PDA/Camera phones
• Handheld GPS/PDA’s
• TFT-LCD Displays/Monitors/TVs
The SMB118 and SMB218 are highly integrated and flexible six-
channel power managers designed for use in a wide range of portable
applications.
The built-in digital programmability allows system
designers to custom tailor the device to suit almost any multi-channel
power supply application from digital camcorders to mobile phones.
The SMB118 and SMB218 integrate all the essential blocks required to
implement a complete seven-channel power subsystem including three
synchronous step-down “Buck” converters, one configurable step-up
“Boost” or step-down synchronous “Buck” converter, one step-up
“Boost” converter, one linear regulator (LDO) and a fully programmable
Li-Ion
battery
charger.
Additionally
sophisticated
power
control/monitoring functions required by complex systems are built-in.
These include digitally programmable output voltage setpoint, power-
up/down
sequencing,
enable/disable,
margining
and
UV/OV
input/output monitoring on all channels.
The integration of features and built-in flexibility of the SMB118 and
SMB218 allows the system designer to create a “platform solution” that
can be easily modified via software without major hardware changes.
Combined with the re-programmability of the SMB118 and SMB218,
this facilitates rapid design cycles and proliferation from a base design
to futures generations of product.
The SMB118 and SMB218 are suited to battery-powered applications
with an input range of +2.7V to +6.0V and provide a very accurate
voltage regulation. Communication is accomplished via the industry
standard I
2C bus. All user-programmed settings are stored in non-
volatile EEPROM of which 96 bytes may be used for general-purpose
memory applications. The commercial operating temperature range is
0C to +70C, the industrial operating range is –40C to +85C, and the
available package is a 48-pad 7mm x 7mm QFN.
SMB118/218
+0.5V to Vin (Prog.)
Li-Ion Battery
or
+2.7V to +6.0V
Analog/RF
I2C/SMBus
3 Step-
Down
(Buck)
Channels
Step-Up
(Boost)
Channel
System
Control and
Monitoring
HEALTHY Output
Shutdown
+0.5V to +35V (Prog.)
Memory, I/O
+0.5V to Vin (Prog.)
CPU Core
+0.5V to Vin (Prog.)
DSP/CODEC
Step-Up
(Boost) or
Step-Down
(Buck)
Channel
Li-Ion
Charger
+4.5V to +6.0V
DC IN
Pushbutton Power
+0.5V to +35V (Prog.)
LED Backlight
Drive
LDO
Channel
+1.5V to +3.75V (Prog.)
MCU/RTC
RESET Output
Figure 1 – Applications block diagram featuring the SMB118/218 six-channel, programmable DC/DC
converters. These integrated power supply and battery managers provide precision regulation, monitoring,
cascade sequencing, output margining and battery charging.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
PLEASE NOTE: The SMB118 has entered End-of-Life.


Similar Part No. - SMB118

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
logo
Linear Technology
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
Battery Charger and Backup Power Manager
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com