Electronic Components Datasheet Search
  English  ▼

X  

LB2016E Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB2016E
Description  Digital Output with Position Feedback
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB2016E Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB2016E Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB2016E Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB2016E Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB2016E Datasheet HTML 4Page - Pepperl+Fuchs Inc. LB2016E Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Output with Position Feedback
LB2016E
< 1-channel
< 1 digital output, 2 digital inputs
< Installation in Zone 2 or safe area
< Inputs and output Ex ic
< Line fault detection switched on and off
< Positive or negative logic selectable
< Simulation mode for service operations (forcing)
< Permanently self-monitoring
< Output with watchdog
< Output with bus-independent safety shutdown
< Module can be exchanged under voltage
Function
The digital output features 1 output with 2 feedback inputs.
The device can be used to switch solenoids, sounders, or indicators (without line fault detection) in the field. Furthermore, the device accepts
digital input signals of NAMUR sensors or mechanical contacts from the field.
The output can be switched off via a contact. This can be used for bus-independent safety applications.
Open and short circuit line faults are detected in on and off state.
The intrinsically safe inputs and the output are galvanically isolated from the bus and the power supply.
Connection Assignment
Zone 2
2+
3+
6-
3+
6-
3+
6-
5-
I
II
10 kΩ
2.2 kΩ
2+
5-
2+
5-
1+
4-
10 kΩ
2.2 kΩ
2+
3+
1+
5-
6-
4-
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
Use only in connection with the power supplies LB9***
Power dissipation
1.3 W
Power consumption
1.85 W
Internal bus
Connection
backplane bus
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB2016E

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016 TAIYO-YUDEN-LB2016 Datasheet
289Kb / 13P
WIRE-WOUND CHIP INDUCTORS (LB SERIES)
logo
Linear Technology
LB20163R3M LINER-LB20163R3M Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LB20164R7M LINER-LB20164R7M Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
logo
ON Semiconductor
LB2016B100 ONSEMI-LB2016B100 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
LB2016B4R7 ONSEMI-LB2016B4R7 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Similar Description - LB2016E

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB2212BR PF-FB2212BR Datasheet
643Kb / 5P
Digital Output with Position Feedback
FB2217E3 PF-FB2217E3 Datasheet
898Kb / 5P
Digital Output with Position Feedback
LB2002AR PF-LB2002AR Datasheet
629Kb / 5P
Digital Output with Position Feedback
2020-04-30
LB2017E PF-LB2017E Datasheet
280Kb / 5P
Digital Output with Position Feedback
2021-12-01
LB2101AR PF-LB2101AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2102AR PF-LB2102AR Datasheet
634Kb / 5P
Digital Output with Position Feedback
2020-04-30
LB2103AR PF-LB2103AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2104A PF-LB2104A Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2113AR PF-LB2113AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2117E PF-LB2117E Datasheet
708Kb / 5P
Digital Output with Position Feedback
2021-12-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com