| Electronic Components Datasheet Search |
|
BCM56502 Datasheet(PDF) 1 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
BCM56502 Datasheet(HTML) 1 Page - Broadcom Corporation. |
|
1 / 2 page ![]() BCM56502 ® 24-PORT GbE MULTILAYER SWITCH WITH TWO 10-GbE/ HiGig+™ PORTS 24-Port Gigabit Ethernet Multilayer Switch • 24 10/100/1000 Mbps Ethernet ports supporting both copper and fiber connections • Fifth generation of StrataSwitch ® and StrataXGS® product line • Two 12-Gbps or 10-Gbps HiGig+TM port uplink interfaces • Two 10-GbE switching ports, CX4 support • Line-rate switching for all packet sizes and conditions • On-chip data packet memory and table memory • IPv6 routing and tunneling • Advanced Fast Filter Processor (FFP) ContentAwareTM classification • Advanced security features in hardware • Port-trunking and mirroring supported across stack • Advanced packet flow control: • Head-of-line blocking prevention • Back pressure support • Eight QoS queues per port with hierarchical minimum/ maximum shaping per Class of Service (CoS) per queue per port • Standard compliant 802.1ad provider bridging • Highly scalable BroadScaleTM architecture evolved from five generations of switching experience provides rich features, scalability, and future proof solutions. • Optimized for secure-switching and convergence of applications and services in the networks. • System vendors can build scalable high-performance, high-port density GbE LAN switches in several form factors. • Multiple CoS and low latency enable the support of VoIP and other voice, video, and data applications. • Built-in high-speed serial interfaces with Broadcom-unique SerDes technology ease and accelerate system design, while reducing cost and conserving board space. • Broadcom switch API compatibility enables software reuse and faster time-to-market. • Small package and low power enables cost-effective and high- performance system design. FE A T UR E S S U MM ARY O F BE N E F I T S 10/100/1000 MACs ContentAware FFP Security L2/IPv4/IPv6 PCI Packet Buffer MMU HiGig+/10 GbE HiGig+/10 GbE 24 x GbE 10/100/1000 MACs ContentAware FFP Security L2/IPv4/IPv6 PCI Packet Buffer MMU HiGig+/10 GbE HiGig+/10 GbE 24 x GbE |
Similar Part No. - BCM56502 |
|
Similar Description - BCM56502 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |