Electronic Components Datasheet Search
  English  ▼

X  

LB2104A Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB2104A
Description  Digital Output with Position Feedback
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB2104A Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB2104A Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB2104A Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB2104A Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB2104A Datasheet HTML 4Page - Pepperl+Fuchs Inc. LB2104A Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Output with Position Feedback
LB2104A
< 1 digital output, 2 digital inputs
< Inputs and output Ex ia
< Mounting in Zone 2, Class I/Div.2 or in the safe area
< Positive or negative logic selectable
< Simulation mode for service operations (forcing)
< Line fault detection (LFD)
< Permanently self-monitoring
< Output with watchdog
< Module can be exchanged under voltage
Function
The digital output features 1 output with 2 feedback inputs.
The device can be used to switch solenoids, sounders, or indicators (without line fault detection) in the field. Furthermore, the device accepts
digital input signals of NAMUR sensors or mechanical contacts from the field.
Open and short circuit line faults are detected.
The intrinsically safe inputs and the output are galvanically isolated from the bus and the power supply.
Connection
Zone 2
Div. 2
Zone 0, 20
Div. 1
4-
2+
1+
3+
6-
3+
6-
3+
6-
5-
I
II
4-
1+
4-
1+
10 kΩ
1.5 kΩ
2+
5-
2+
5-
10 kΩ
1.5 kΩ
2+
3+
1+
5-
6-
4-
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies LB9***
Power dissipation
1 W
Power consumption
2 W
Internal bus
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Digital input
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB2104A

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB2101AR PF-LB2101AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2102AR PF-LB2102AR Datasheet
634Kb / 5P
Digital Output with Position Feedback
2020-04-30
LB2103AR PF-LB2103AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2103ER PF-LB2103ER Datasheet
567Kb / 5P
Digital Output with Shutdown Input
2022-01-18
More results

Similar Description - LB2104A

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB2201BR PF-FB2201BR Datasheet
643Kb / 5P
Digital Output with Position Feedback
FB2212BR PF-FB2212BR Datasheet
643Kb / 5P
Digital Output with Position Feedback
FB2217E3 PF-FB2217E3 Datasheet
898Kb / 5P
Digital Output with Position Feedback
LB2002AR PF-LB2002AR Datasheet
629Kb / 5P
Digital Output with Position Feedback
2020-04-30
LB2017E PF-LB2017E Datasheet
280Kb / 5P
Digital Output with Position Feedback
2021-12-01
LB2101AR PF-LB2101AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2102AR PF-LB2102AR Datasheet
634Kb / 5P
Digital Output with Position Feedback
2020-04-30
LB2103AR PF-LB2103AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2113AR PF-LB2113AR Datasheet
632Kb / 5P
Digital Output with Position Feedback
2021-11-16
LB2117E PF-LB2117E Datasheet
708Kb / 5P
Digital Output with Position Feedback
2021-12-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com