Electronic Components Datasheet Search
  English  ▼

X  

CFA1012 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFA1012
Description  PNP SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFA1012 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFA1012 Datasheet HTML 1Page - Continental Device India Limited CFA1012 Datasheet HTML 2Page - Continental Device India Limited CFA1012 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Company
PNP SILICON PLANAR POWER TRANSISTOR
CFA1012
TO-220FP Fully Isolated
Plastic Package
Complementary CFC2562
High Current Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.<30%,
Ta=25ºC
* VISOL (a)
(b)
Collector Current
IC
Collector Power Dissipation @Tc=25
oC
PC
Junction Temperature
Tj
Storage Temperature Range
Tstg
*RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=50V, IE=0
1
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
1
µA
Collector Emitter Voltage
V CEO
IC=10mA, IB=0
50
V
DC Current Gain
**hFE
VCE =1V, IC =1A
70
240
hFE
VCE =1V, IC =3A
30
Collector Emitter Saturation Voltage
VCE (sat)
IC=3A, IB=0.15A
1.0
V
Base Emitter Saturation Voltage
VBE (sat)
IC=3A, IB=0.15A
1.2
V
Transition Frequency
fT
VCE =4V, IC=1A
60
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
170
pF
Switching Time
Turn On Time
ton
IB1=IB2=0.15A
0.1
µs
Storage Time
tstg
VCC=30V
1.0
µs
Fall Time
tf
Duty Cycle < 1%
0.1
µs
**hFE Classification
O : 70 - 140
Y: 120 - 240
CFA1012Rev_1 241103E
VALUE
W
ºC
V
VRMS
VRMS
A
UNIT
V
V
1500
5
25
150
60
50
5
3500
oC
- 55 to 150
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CFA1012

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFA1046 CDIL-CFA1046 Datasheet
106Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
CFA1046GR CDIL-CFA1046GR Datasheet
106Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
CFA1046Y CDIL-CFA1046Y Datasheet
106Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
More results

Similar Description - CFA1012

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT549 ZETEX-FZT549 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT749 ZETEX-FZT749 Datasheet
87Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT753 ZETEX-FZT753 Datasheet
102Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX776 ZETEX-ZTX776 Datasheet
26Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT749 ZETEX-FXT749 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
CFA1046 CDIL-CFA1046 Datasheet
106Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
CJF6107 CDIL-CJF6107 Datasheet
295Kb / 4P
PNP SILICON PLANAR POWER TRANSISTOR
logo
Zetex Semiconductors
FXT557 ZETEX-FXT557 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STBDW47 SEMTECH_ELEC-STBDW47 Datasheet
230Kb / 3P
PNP Silicon Planar Darlington Power Transistor
logo
Diodes Incorporated
2N6732 DIODES-2N6732 Datasheet
31Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com