Electronic Components Datasheet Search
  English  ▼

X  

LB3104A2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB3104A2
Description  Transmitter Power Supply, Input Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB3104A2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB3104A2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB3104A2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB3104A2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB3104A2 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmitter Power Supply, Input
Isolator
LB3104A2
< 4-channel
< Inputs Ex ia
< Mounting in Zone 2, Class I/Div.2 or in the safe area
< Power supply for 2-wire transmitters with 4 mA ... 20 mA
< Supply circuit 15 V (20 mA)
< Input from active signals of 4-wire transmitters
< Simulation mode for service operations (forcing)
< Line fault detection (LFD): one LED per channel
< Permanently self-monitoring
< Module can be exchanged under voltage
Function
The transmitter power supply feeds 2-wire transmitters.
Active signals from separately powered field devices and 4-wire transmitters can be connected.
Open and short-circuit line faults are detected.
The intrinsically safe inputs are galvanically isolated from the bus and the power supply.
Connection
Zone 2
Div. 2
Zone 0, 20
Div. 1
3+
2-
1+
I
4-
7+
6-
5+
II
8-
11+
10-
9+
III
12-
15+
14-
13+
IV
16-
mA
mA
Technical Data
Slots
Occupied slots
2
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies LB9***
Power dissipation
1.5 W
Power consumption
2.7 W
Internal bus
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB3104A2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB3102A2 PF-LB3102A2 Datasheet
565Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3106A PF-LB3106A Datasheet
561Kb / 4P
HART Transmitter Power Supply
2021-12-01
More results

Similar Description - LB3104A2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB3202B1 PF-FB3202B1 Datasheet
520Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3204B2 PF-FB3204B2 Datasheet
618Kb / 4P
Transmitter Power Supply, Input Isolator
FB3205B2 PF-FB3205B2 Datasheet
619Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3205B3 PF-FB3205B3 Datasheet
864Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3302B2 PF-FB3302B2 Datasheet
512Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3305B2 PF-FB3305B2 Datasheet
598Kb / 3P
HART Transmitter Power Supply, Input Isolator
LB3002A2 PF-LB3002A2 Datasheet
534Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3005A2 PF-LB3005A2 Datasheet
643Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3102A2 PF-LB3102A2 Datasheet
565Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com