Electronic Components Datasheet Search
  English  ▼

X  

LB4002A2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LB4002A2
Description  HART Output Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4002A2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB4002A2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4002A2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4002A2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Suitable field devices
Field device
Proportional Valve
Field device [2]
I/P converters
Field device [3]
on-site display
Connection
channel I: 2/3+, 4/5-
Current
0 ... 25 mA short-circuit protected
Line fault detection
can be switched on/off for each channel via configuration tool , configurable via
configuration tool
Short-circuit
No
Open-circuit
deviation of preset output value > 0.5 mA
Load
750 Ω max.
HART communication
yes
HART secondary variable
MODBUS: yes; all other bus systems: no
Watchdog
within 0.5 s the device goes in safe state, e.g. after loss of communication
Transfer characteristics
Deviation
After calibration
0.1 % of the signal range at 20 °C (68 °F)
Influence of ambient temperature
0.1 %/10 K of the signal range
Refresh time
100 ms
Indicators/settings
LED indication
Power LED (P) green: supply
Diagnostic LED (I) red: module fault , red flashing: communication error , white: fixed
parameter set (parameters from com unit are ignored) , white flashing: requests
parameters from com unit
Status LED (1) red: line fault (lead breakage or short circuit)
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
NE 21:2007
Degree of protection
IEC 60529:2000
Environmental test
EN 60068-2-14:2009
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Damaging gas
EN 60068-2-42:2003
Relative humidity
EN 60068-2-78:2001
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , 70 °C (non-Ex)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 when mounted on backplane
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 90 g
Dimensions
16 x 100 x 102 mm (0.63 x 3.9 x 4 inch)
Data for application in connection with hazardous areas
Certificate
BVS 12 ATEX E 115 X
HART Output Isolator
LB4002A2
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com