Electronic Components Datasheet Search
  English  ▼

X  

HT672A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT672A
Description  13.56MHz RFID Transponder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT672A Datasheet HTML 1Page - Holtek Semiconductor Inc HT672A Datasheet HTML 2Page - Holtek Semiconductor Inc HT672A Datasheet HTML 3Page - Holtek Semiconductor Inc HT672A Datasheet HTML 4Page - Holtek Semiconductor Inc HT672A Datasheet HTML 5Page - Holtek Semiconductor Inc HT672A Datasheet HTML 6Page - Holtek Semiconductor Inc HT672A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1-chip Solution (I)
1-chip Solution (II)
HT672A
Rev. 1.00
5
June 3, 2004
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
H o l t e k S t a n d a r d M C U :
H T 4 8 X X X / H T 4 9 X X X
H T 6 7 2 A
A N T
E n e r g y
D a t a
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
A N T
F u n c t i o n
C o n t r o l
E n e r g y
D a t a
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
H o l t e k E m b e d d e d M C U :
H T G 2 1 X X / H T 8 6 X X X
H T 6 7 2 A
A N T
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
A N T
F u n c t i o n
C o n t r o l
D a t a , V o i c e
o r L C D
D i s p l a y
P r o c e s s i n g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com