Electronic Components Datasheet Search
  English  ▼

X  

35413 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 35413
Description  Vacuum suction cup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

35413 Datasheet(HTML) 1 Page - Festo Corporation.

  35413 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum suction cup
VASB-40-1/4-NBR
Part number: 35413
Data sheet
Feature
Value
Nominal width
4 mm
Suction cup diameter
40 mm
Effective suction cup diameter
32 mm
Connection position
Top
Symbol
00991485
Suction cup shape
Round bellows, 1.5 convolutions
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Ambient temperature
-20 °C ... 80 °C
Breakaway force at 70% vacuum
56 N
Holding force at nominal operating pressure
56 N
Mounting thread
G¼
Suction cup mounting
G 1/4
Vacuum connection
G1/4
Color
Black
Shore hardness
60 +/- 5
Material of screwed trunnion
Die-cast zinc
Note on materials
RoHS-compliant
Suction cup material
NBR
6/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 35413

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
35413 WIHA-35413 Datasheet
268Kb / 1P
13 Pc. Inch Hex L-key Set - Nickel Finish
logo
Littelfuse
3541315002 LITTELFUSE-3541315002 Datasheet
73Kb / 2P
MINIATURE FUSES
logo
ERNI Electronics
354133 ERNI-354133 Datasheet
83Kb / 1P
FEDERLEISTE M 60-4 LOT
354134 ERNI-354134 Datasheet
57Kb / 1P
FEDERLEISTE R/2 48 THR
354135 ERNI-354135 Datasheet
81Kb / 1P
FEDERLEISTE R 96 LOT
More results

Similar Description - 35413

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
1396067 FESTO-1396067 Datasheet
91Kb / 1P
Vacuum suction cup
6/7/22
34586 FESTO-34586 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
34587 FESTO-34587 Datasheet
85Kb / 1P
Vacuum suction cup
6/7/22
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com