Electronic Components Datasheet Search
  English  ▼

X  

BLS7G3135LS-200 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLS7G3135LS-200
Description  LDMOS S-band radar power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLS7G3135LS-200 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLS7G3135LS-200 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLS7G3135LS-200 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BLS7G3135LS-200#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
4 of 10
BLS7G3135LS-200
LDMOS S-band radar power transistor
7.3 Test circuit information
[1]
American Technical Ceramics type 600F or capacitor of same quality.
[2]
TDK or capacitor of same quality.
[3]
Murata or capacitor of same quality.
[4]
Vishay Dale or resistor of same quality.
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Arlon TC600 with a thickness of 0.64 mm. See Table 9 for list of components.
Fig 2.
Component layout
C11
60 mm
C3
C4
R1
C2
C1
C6
C11
C8
C5
C7
C9
C10
40 mm
40 mm
aaa-008968
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C4, C4, C10
multilayer ceramic chip capacitor
15 pF
[1]
ATC600F
C2, C5
multilayer ceramic chip capacitor
10 pF
[1]
ATC600F
C3, C9
multilayer ceramic chip capacitor
0.1
F
[2]
TDK
C7
multilayer ceramic chip capacitor
1
F
[3]
Murata
C8
multilayer ceramic chip capacitor
10
F
[3]
Murata
C11
electrolytic capacitor
2200
F, 63 V
R1
chip resistor
9.1
[4]
SMD 0805



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com