Electronic Components Datasheet Search
  English  ▼

X  

BLS9G3135LS-400 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLS9G3135LS-400
Description  LDMOS S-band radar power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLS9G3135LS-400 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLS9G3135LS-400 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLS9G3135LS-400 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLS9G3135L-400_LS-400
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 6 April 2017
4 of 13
BLS9G3135L(S)-400
LDMOS S-band radar power transistor
7. Test information
7.1 Ruggedness in class-AB operation
The BLS9G3135L-400 and BLS9G3135LS-400 are capable of withstanding a load
mismatch corresponding to VSWR = 10 : 1 through all phases under the following
conditions: VDS =32V; IDq = 400 mA; PL =400 W; tp = 300 s;  = 10 %.
7.2 Impedance information
Table 8.
Typical impedance
f
ZS
ZL
(GHz)
(
)
(
)
3.1
4.122
 j8.679
1.206
 j4.231
3.2
6.215
 j3.927
1.593
 j4.396
3.3
4.334
 j3.313
1.885
 j4.262
3.4
2.085
 j2.187
2.473
 j3.915
3.5
1.976
 j2.700
2.313
 j3.180
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com