Electronic Components Datasheet Search
  English  ▼

X  

MA10705 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA10705
Description  Schottky Barrier Diodes (SBD)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA10705 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA10705 Datasheet HTML 1Page - Panasonic Semiconductor MA10705 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA2Q705
IF(AV)  Ta
IR  VR
IF  VF
Ct  VR
0
0.5
1.0
1.5
2.0
0
50
150
100
Ambient temperature T
a
(
°C)
Cu foil
AK
0.8
20 2.5
2.5
10−4
0
0.1
0.2
0.3
0.4
0.5
0.6
10−3
10−2
10−1
1
10
Forward voltage V
F
(V)
Ta
= 125°C
75
°C
25
°C
− 20°C
10−5
0
1020304050
60
10−4
10−3
10−2
10−1
1
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
0
100
200
300
400
500
600
0
1020304050
60
Reverse voltage V
R
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com