Electronic Components Datasheet Search
  English  ▼

X  

SMB135 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB135
Description  Programmable, USB/AC, Switch-Mode Battery Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB135 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB135 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB135
Advanced Information
© SUMMIT Microelectronics, Inc. 2006 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
http://www.summitmicro.com/
2106 1.3 2/21/2006
1
Programmable, USB/AC, Switch-Mode Battery Charger
INTRODUCTION
• Programmable USB/AC Li-Ion battery charger
• High-efficiency current-mode PWM controller
o
750kHz to 1.25MHz switching frequency
o
0% to 100% duty-cycle
• 4.35 to 6.0V input voltage range
• Small 1.3 x 2.1 uCSPTM-15 package (0.4mm pitch)
• High-accuracy output voltage regulation: 1%
• Low reverse leakage current
• Digital programming of all major parameters via I2C
interface (with several addresses) and non-volatile
memory
o
Battery voltage set point
o
Pre-charge, fast charge, termination current
o
Fast charge voltage threshold
o
Temperature limits
o
Automatic restart threshold
• Status indicator
•
Stability with ceramic capacitors
• Wide range of protection features
o
Thermal monitor
o
Input/output over-voltage lockout
Applications
• GSM Handsets
• UMTS Handsets
• Portable Media Players
• Digital camcorders/still cameras
• Handheld GPS/PDA’s
The SMB135 is a programmable single-cell lithium-ion/lithium-polymer
battery charger for a variety of portable applications.
The device
provides a simple and efficient way to charge high-capacity Li-Ion
batteries via a USB port or an AC adapter.
Unlike conventional
devices, the SMB135’s high-efficiency operation eliminates large
internal temperature rise and localized hot spot in handheld equipment.
Charge control includes qualification, trickle-charge, pre-charge,
constant current/constant voltage, and termination/safety settings that
are fully programmable via a serial I2C/SMBus making the device truly
a flexible solution. Fast charge current level (one or five unit loads)
can be set via I2C or an input pin (USB500/100). An Enable (EN) pin
is also provided for suspending USB charging and allowing the device
to work in parallel with AC charger, which may already be integrated
into a PMIC device. In this case, the SMB135 does not allow current
to flow back to the USB port.
The SMB135 offers a wide variety of features that protect the battery
pack as well as the charger and input circuitry: over-current,
under/over-voltage and thermal protection. Ultra-precise, 1% accurate,
Kelvin-sensed ADOC™ technology allows accurate control of battery
float voltage and improves battery capacity utilization. Status can be
monitored via the serial port for charge state and fault conditions. In
addition, one LED driver output can be used to signal charge status.
As a protection mechanism, when the junction temperature
approaches approximately 145
°C, the PWM switcher will start to cut
back on the duty cycle, to reduce current.
The SMB135 is available in a space-saving 1.3mm x 2.1mm uCSP
TM
package with lead-free balls and is rated over the -30
°C to +85°C
temperature range.
Figure 1 – Applications block diagram featuring the SMB135 programmable switch-mode battery charger.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
USB
Controller
D+
D-
VDC
GND
ADC+ ADC-
IN
GND
STAT
R
LIM
LED
6.8uH
SMB135
SENSEH
SENSEL
50-100m
Ω
10uF
Li-Ion
THERM
EN
OUT
USB500/100
SDA
BATT
COMP
C
comp
R
comp
VDDCAP
1uF
4.7uF
SCL
500-700mA
4.35V-6.0V


Similar Part No. - SMB135

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
More results

Similar Description - SMB135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
Switch-Mode Battery Charger Delivers 5A
logo
Summit Microelectronics...
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
3MHz Synchronous Switch-Mode Battery Charger
logo
ETA SOLUTIONS CO. LIMIT...
ETA6085 ETA-ETA6085 Datasheet
158Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger with 2.5A USB OTG
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com