Electronic Components Datasheet Search
  English  ▼

X  

LB6010AR Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LB6010AR
Description  Digital Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB6010AR Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB6010AR Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB6010AR Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB6010AR Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB6010AR Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Digital output
Number of channels
4
Suitable field devices
Field device
Solenoid Valve
Field device [2]
audible alarm
Field device [3]
visual alarm
Connection
channel I: 1+, 2-; channel II: 3+, 4-; channel III: 5+, 6-; channel IV: 7+, 8-
Current limit
Imax
37 mA
Internal resistor
Ri
max. 370 Ω
Open loop voltage
24.5 V
Line fault detection
can be switched on/off for each channel via configuration tool also when turned off
(every 2.5 s the valve is turned on for 2 ms)
Short-circuit
< 100 Ω
Open-circuit
> 15 kΩ
Response time
10 ms (depending on bus cycle time)
Watchdog
within 0.5 s the device goes in safe state, e.g. after loss of communication
Reaction time
10 s
Indicators/settings
LED indication
Power LED (P) green: supply
Status LED (I) red: line fault , red flashing: communication error
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 when mounted on backplane
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 150 g
Dimensions
32.5 x 100 x 102 mm (1.28 x 3.9 x 4 inch)
Data for application in connection with hazardous areas
Output
Voltage
Uo
27.8 V
Current
Io
90.4 mA
Power
Po
629 mW
Internal capacitance
Ci
1.65 nF
Digital Output
LB6010AR
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com