Electronic Components Datasheet Search
  English  ▼

X  

LB7104A Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # LB7104A
Description  Universal Input/Output (HART)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB7104A Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  LB7104A Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB7104A Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB7104A Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB7104A Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Data
Voltage
Uo
27 V
Current
Io
87 mA
Power
Po
575 mW (linear characteristic)
Output
Voltage
Uo
27 V
Current
Io
87 mA
Power
Po
575 mW (linear characteristic)
Galvanic isolation
Rated voltage
Um
250 V field circuits to control and supply circuits
Input/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Output/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020
EN 60079-11:2012
EN 60079-15:2010
International approvals
ATEX approval
BVS 11 ATEX E 116X
UL approval
E106378
IECEx approval
BVS 11.0068X
Approved for
Ex nA [ia Ga] IIC T4 Gc
[Ex ia Da] IIIC
[Ex ia Ma] I
General information
System information
The module has to be mounted in appropriate backplanes (LB9***) in Zone 2 or
outside hazardous areas. Here, observe the corresponding declaration of conformity.
For use in hazardous areas (e. g. Zone 2, Zone 22 or Div. 2) the module must be
installed in an appropriate enclosure.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Assembly
8
7
6
5
4
3
2
1
I
2
4
AO
DO
P
1
3
AI
DI
Front view
Status LED red/yellow
per channel
Power LED green
Configuration LEDs white
AI
AO
DI
DO
Diagnostic LED red/white
Socket for
removable plug
blue (accessory)
Universal Input/Output (HART)
LB7104A
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com