Electronic Components Datasheet Search
  English  ▼

X  

SMM465FCR02 Datasheet(PDF) 28 Page - Summit Microelectronics, Inc.

Part # SMM465FCR02
Description  4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM465FCR02 Datasheet(HTML) 28 Page - Summit Microelectronics, Inc.

Back Button SMM465FCR02 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 30Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SMM465
Preliminary Information
Summit Microelectronics, Inc
2085 1.1 05/27/04
28
DEFAULT CONFIGURATION REGISTER SETTINGS – SMM465FC-249
Register
Contents
Register
Contents
Register
Contents
Register
Contents
R00
0D
R42
0E
R9A
81
RC1
38
R01
83
R43
39
R9B
33
RC2
0B
R02
0D
R44
0E
R9C
29
RC3
38
R03
FF
R45
A4
R9D
9A
RC4
09
R04
0E
R46
0F
R9E
11
RC5
90
R05
61
R47
16
R9F
AE
RC6
09
R06
0E
R48
0F
RA0
41
RC7
90
R07
C7
R49
B4
RA1
0B
RC8
0C
R08
0F
R4A
06
RA2
80
RC9
00
R09
54
R4B
7F
RA3
F6
RCA
0C
R0A
0B
R4C
00
RA4
29
RCB
00
R0B
22
R4D
12
RA5
5D
RCC
0F
R0C
7F
R4E
50
RA6
11
RCD
FF
R0D
0F
R80
42
RA7
71
RCE
0F
R0E
07
R81
48
RA8
40
RCF
FF
R0F
01
R82
82
RA9
CE
RD0
0C
R10
8F
R83
3E
RAA
80
RD1
00
R11
9F
R84
2A
RAB
8F
RD2
0C
R12
AF
R85
B8
RAC
29
RD3
00
R13
BF
R86
12
RAD
1F
RD4
0F
R18
00
R87
F6
RAE
11
RD5
D8
R19
00
R88
41
RAF
33
RD6
0F
R30
0D
R89
C8
RB0
2A
RD7
D8
R31
60
R8A
81
RB1
67
RE0
00
R32
0D
R8B
B9
RB2
0A
RE1
3D
R33
DC
R8C
2A
RB3
52
RE2
00
R34
0E
R8D
34
RB4
03
RE3
3D
R35
45
R8E
12
RB5
FF
RE4
00
R36
0E
R8F
49
RB6
03
RE5
3D
R37
A2
R90
49
RB7
FF
RE6
00
R38
0F
R91
5C
RB8
0D
RE7
3D
R39
08
R92
81
RB9
9A
RE8
00
R3A
0F
R93
52
RBA
0D
RE9
3D
R3B
D6
R94
29
RBB
56
REA
00
R3C
00
R95
D7
RBC
0F
REB
3D
R3D
12
R96
11
RBD
E0
R3E
48
R97
EB
RBE
0F
R40
0D
R98
41
RBF
E0
R41
B9
R99
3E
RC0
0B
RC1
The default device ordering number is SMM465FC-249. It is programmed with the register contents as shown above
and tested over the commercial temperature range with a VREF setting of 1.25V. Other standard external VREF
voltage settings that can be specified and tested are values of: 1.024, 1.225, 1.250, 2.048, 2.500, 3.000 or 3.300.
The value is derived from the customer supplied hex file. New device suffix numbers are assigned to non-default
requirements. If other VREF values are required, please contact a Summit Microelectronics Sales Representative.
Application Note 47 contains a complete description of the Windows GUI and the default settings of each of
the 154 individual Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com