Electronic Components Datasheet Search
  English  ▼

X  

SMS47 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMS47
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS47 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
2087 1.0 04/11/05
SMS47
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
A1,A2 (6, 7)
A1 and A2 are the address inputs. When addressing the
SMS47 configuration registers the address inputs distin-
guish which one of four possible devices sharing the
common bus is being addressed.
SDA (9)
SDA is the serial data input/output pin. It should be tied to
VDD_CAP through a pull-up resistor.
SCL (10)
SCL is the serial clock input. It should be tied to VDD_CAP
through a pull-up resistor.
PUP#1, PUP#2, PUP#3 (4, 5, 13)
These are the power-up permitted (PUP) active low open
drain outputs. The PUP pins are used when the SMS47 is
programmed to provide the cascade sequencing of LDOs
or DC/DC converters (see Figures 1 and 5 for illustra-
tions of cascading). Each delay is independently enabled
and programmable for its duration (configuration register
7). If all PUP# outputs are enabled the order of events
would be as follows: V0 above threshold then delay to
PUP#1 turning on; V1 above threshold then delay to PUP#2
turning on; V2 above threshold then delay to PUP#3 turning
on. The delays are programmable.
PIN DESCRIPTIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com