Electronic Components Datasheet Search
  English  ▼

X  

CMD264P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD264P3
Description  6-18 GHz Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD264P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD264P3 Datasheet HTML 1Page - Qorvo, Inc CMD264P3 Datasheet HTML 2Page - Qorvo, Inc CMD264P3 Datasheet HTML 3Page - Qorvo, Inc CMD264P3 Datasheet HTML 4Page - Qorvo, Inc CMD264P3 Datasheet HTML 5Page - Qorvo, Inc CMD264P3 Datasheet HTML 6Page - Qorvo, Inc CMD264P3 Datasheet HTML 7Page - Qorvo, Inc CMD264P3 Datasheet HTML 8Page - Qorvo, Inc CMD264P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMD264P3
6-18 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
1 of 11
www.qorvo.com
®
Product Overview
The CMD264P3 is a broadband MMIC low noise amplifier
housed in a leadless 3x3 mm plastic surface mount
package. The CMD264P3 is ideally suited for EW and
communications systems where small size and low power
consumption are needed. The broadband device delivers
greater than 26 dB of gain with a corresponding output 1
dB compression point of +12 dBm and a noise figure of 1.6
dB at 10 GHz. The CMD264P3 is a 50 ohm matched design
eliminating the need for external DC blocks and RF port
matching.
Functional Block Diagram
Electrical Performance (Vdd = 3.0 V, TA = 25oC, F = 10 GHz)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
6 - 18
GHz
Gain
26.5
dB
Noise Figure
1.6
dB
Input Return Loss
13
dB
Output Return Loss
16
dB
Output P1dB
12
dBm
Supply Current
63
mA
Key Features
• Ultra Low Noise Figure
• High Gain Broadband Performance
• Single Supply Voltage: +3.0 V @ 63 mA
• Pb-Free RoHs Compliant 3x3 QFN Package
Ordering Information
Part No.
Description
CMD264P3
100 pcs on 7’’ reel


Similar Part No. - CMD264P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD264P3 MMIC-CMD264P3 Datasheet
256Kb / 10P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3 Datasheet
256Kb / 10P
6-18 GHz Low Noise Amplifier
More results

Similar Description - CMD264P3

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD328 QORVO-CMD328 Datasheet
935Kb / 11P
6-18 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com