Electronic Components Datasheet Search
  English  ▼

X  

QPC6713 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPC6713
Description  50 MHz to 6000 MHz Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC6713 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPC6713 Datasheet HTML 1Page - Qorvo, Inc QPC6713 Datasheet HTML 2Page - Qorvo, Inc QPC6713 Datasheet HTML 3Page - Qorvo, Inc QPC6713 Datasheet HTML 4Page - Qorvo, Inc QPC6713 Datasheet HTML 5Page - Qorvo, Inc QPC6713 Datasheet HTML 6Page - Qorvo, Inc QPC6713 Datasheet HTML 7Page - Qorvo, Inc QPC6713 Datasheet HTML 8Page - Qorvo, Inc QPC6713 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
QPC6713
50 MHz to 6000 MHz Digital Step Attenuator
Datasheet October 16, 2020 | Subject to change without notice
1 of 16
www.qorvo.com
®
16 Pad 3.0 mm x 3.0 mm x 0.85 mm QFN package
Product Features
• 7-Bit, 31.75 dB Range, 0.25 dB Step
• Patented Circuit Architecture
• Overshoot-free Transient Switching Performance
• Frequency Range 50 MHz to 6000 MHz
• High Linearity, IIP3 > +55 dBm
• Serial Control Interface
• Fast Switching Speed, 50 nsec Typical
• Serial Addressable Supports Up to Eight Addresses
• Single Supply +3 V to +5 V Operation
• RF Pins Have No DC Voltage, Can be DC Grounded
Externally
• Power-up Default Setting Is Maximum Attenuation
Applications
• 2G through 4G Base Stations
• Point-to-Point
• Wi-Fi
• Test Equipment
Product Description
The QPC6713 is a 7-bit digital step attenuator (DSA) that
features high linearity over the entire 31.75
 dB gain control
range in 0.25
 dB steps. The QPC6713 uses a serial
control interface and has a low insertion loss of 1.7
 dB at
2
 GHz.
The
patented
circuit
architecture
provides
overshoot-free transient switching performance using a
single +3
 V to +5 V power supply. External address pins
allow up to eight DSAs to be controlled on a single bus.
The QPC6713 is available in a standard lead-free, RoHS-
compliant 16 pad 3
 x3 mm QFN package.
Ordering Information
Part No.
Description
QPC6713TR7
2500 pieces
on a 7” reel
QPC6713PCK401
50
 – 6000 MHz PCBA w/5-pc. sample bag
Functional Block Diagram
Top View
Pin 1 Reference Mark
V
DD
A0
GND
RFIN
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
LE
GND
GND
RFOUT
LOGIC
CONTROL
7-BIT DSA


Similar Part No. - QPC6713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPC6713 RFMD-QPC6713 Datasheet
1Mb / 17P
Digital Step Attenuator
More results

Similar Description - QPC6713

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
Digital Step Attenuator DC-2400 MHz
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Qorvo, Inc
QPC6614 QORVO-QPC6614 Datasheet
2Mb / 16P
5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
RFSA3413 QORVO-RFSA3413 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com