Electronic Components Datasheet Search
  English  ▼

X  

SMS2916S Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS2916S
Description  Voltage Supervisory Circuit With Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS2916S Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS2916S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS2916S Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SUMMIT MICROELECTRONICS, Inc.
•
300 Orchard City Drive, Suite 131
•
Campbell, CA 95008
•
Telephone 408-378-6461
•
Fax 408-378-6586
•
www.summitmicro.com
1
© SUMMIT MICROELECTRONICS, Inc. 2000
2028 5.1 8/2/00
Characteristics subject to change without notice
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
•
Precision Voltage Monitor
–VCC Supply Monitor
- Complementary reset outputs for complex
microcontroller systems
- Integrated memory write lockout function
- No external components required
•Watchdog Timer
– 1600 ms, internal
•
Two Wire Serial Interface (I2C™)
•
Extended Programmable Functions
available on SMS24
•
High Reliability
– Endurance: 100,000 erase/write cycles
– Data retention: 100 years
•
8-Pin SOIC Packages
Voltage Supervisory Circuit With Watchdog Timer
SMS2902/SMS2904/SMS2916
OVERVIEW
The SMS29xx is a power supervisory circuit that monitors
VCC and will generate complementary reset outputs. The
reset pins also act as I/Os and may be used for signal
conditioning. The SMS29xx also has an on-board watch-
dog timer.
The SMS29xx integrates a nonvolatile serial memory. It
features
the
industry
standard
I2C
serial
interface allowing quick implementation in an end-users’
system.
BLOCK DIAGRAM
+
–
GND
VCC
8
4
RESET#
2
VTRIP
RESET
CONTROL
RESET
7
1.26V
SCL
6
SDA
5
WATCHDOG
TIMER
WDI#
1
2028 T BD 2.0
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR


Similar Part No. - SMS2916S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS2916S-A ETC1-SMS2916S-A Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
SMS2916S-AT ETC1-SMS2916S-AT Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
SMS2916S2.7 ETC1-SMS2916S2.7 Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
SMS2916S2.7T ETC1-SMS2916S2.7T Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
SMS2916SB ETC1-SMS2916SB Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
More results

Similar Description - SMS2916S

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
Dual Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Rohm
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
Voltage Detector with Watchdog Timer
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
Watchdog timer circuit
26-Oct-2012
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com