Electronic Components Datasheet Search
  English  ▼

X  

GV2AF5 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2AF5
Description  Power link acc TeSys Deca, ATV32
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AF5 Datasheet(HTML) 1 Page - Schneider Electric

  GV2AF5 Datasheet HTML 1Page - Schneider Electric GV2AF5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Power link acc TeSys Deca, ATV32
GV2AF5
Product availability : Stock - Normally stocked in distribution
facility
Price* : 3.20 USD
Main
Range
Linergy
Product name
FT
Device short name
GV2AF
Product or Component Type
Combination block
Accessory / separate part
category
Connection accessory
Range compatibility
TeSys GV2
TeSys D
TeSys TeSys Deca
Complementary
Product Compatibility
Adaptor plate
LC1D09...D38
Poles description
3P
Quantity per Set
Set of 10
Net Weight
0.04 lb(US) (0.016 kg)
Ordering and shipping details
Category
22367-MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
3606481309389
Nbr. of units in pkg.
1
Package weight(Lbs)
0.63 oz (18.0 g)
Returnability
Yes
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.77 in (4.5 cm)
Package 1 width
1.77 in (4.5 cm)
Package 1 Length
2.95 in (7.5 cm)
Unit Type of Package 2
BB1
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 7, 2022
1


Similar Part No. - GV2AF5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2AF01 SCHNEIDER-GV2AF01 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2AF02 SCHNEIDER-GV2AF02 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2AF3 SCHNEIDER-GV2AF3 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2AF4 SCHNEIDER-GV2AF4 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2AF4 SCHNEIDER-GV2AF4 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Similar Description - GV2AF5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GVAE20 SCHNEIDER-GVAE20 Datasheet
116Kb / 4P
TeSys Deca - auxiliary contact - 2 NO
May 12, 2022
GV2G05 SCHNEIDER-GV2G05 Datasheet
141Kb / 3P
TeSys Deca & TeSys U - terminal block - 3P - for GV1L3
May 13, 2022
GVAE203 SCHNEIDER-GVAE203 Datasheet
96Kb / 3P
TeSys Deca - auxiliary contact block - 2 NO
May 12, 2022
GVAN20 SCHNEIDER-GVAN20 Datasheet
127Kb / 4P
TeSys Deca - auxiliary contact block - 2 NO
May 12, 2022
GVAS025 SCHNEIDER-GVAS025 Datasheet
96Kb / 4P
Shunt release (MX), TeSys Deca, 24V AC 50Hz
May 13, 2022
GVAS026 SCHNEIDER-GVAS026 Datasheet
95Kb / 3P
Shunt release (MX), TeSys Deca, 24V AC 60Hz
May 13, 2022
GVAS207 SCHNEIDER-GVAS207 Datasheet
95Kb / 3P
Shunt release (MX), TeSys Deca, 200V AC 50Hz
May 13, 2022
GVAU025 SCHNEIDER-GVAU025 Datasheet
94Kb / 4P
Undervoltage release (MN), TeSys Deca, 24V AC 50Hz
May 13, 2022
GVAE203 SCHNEIDER-GVAE203_V01 Datasheet
96Kb / 3P
TeSys Deca - auxiliary contact block - 2 NO
Jun 2, 2022
GVAE20 SCHNEIDER-GVAE20_V01 Datasheet
115Kb / 2P
TeSys Deca - auxiliary contact - 2 NO
Jun 2, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com