Electronic Components Datasheet Search
  English  ▼

X  

LUFP9 Datasheet(PDF) 1 Page - Schneider Electric

Part # LUFP9
Description  DeviceNet/Modbus communication gateway - 1 DeviceNet screw type - 1 RJ45 Modbus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUFP9 Datasheet(HTML) 1 Page - Schneider Electric

  LUFP9 Datasheet HTML 1Page - Schneider Electric LUFP9 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
DeviceNet/Modbus communication
gateway - 1 DeviceNet screw type -
1 RJ45 Modbus
LUFP9
Product availability : Stock - Normally stocked in distribution
facility
Price* : 1,490.00 USD
Main
Range
TeSys
Device short name
LUF
Product or Component Type
Communication gateway
Product Compatibility
ATS48
ATV31
TeSys U starter-controllers
Complementary
Bus type
DeviceNet
Modbus
Connector type
1 removable 5-way screw connector field bus
RJ45 Modbus
RJ45 to a PC
Maximum number of
connections
<= 8 Modbus slaves
[Us] rated supply voltage
24 V DC +/- 10 %
Current consumption
100 mA typical
280 mA maximum
Local signalling
LED front panel
Services
Command DeviceNet 256 configurable words
Configuration and adjustment Fipio by gateway mini messaging facility
Monitoring DeviceNet 256 configurable words
Net Weight
0.54 lb(US) (0.245 kg)
Environment
Electromagnetic compatibility
Electromagnetic emission IEC 50081-2
Electromagnetic immunity IEC 61000-6-2
Pollution degree
2 IEC 60664
Ambient air temperature for
installation
41…122 °F (5…50 °C)
IP Degree of Protection
IP20
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LUFP9

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUFP7 SCHNEIDER-LUFP7 Datasheet
111Kb / 2P
Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
May 11, 2022
More results

Similar Description - LUFP9

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221_15 Datasheet
428Kb / 2P
1-port Modbus Gateway
logo
Red Lion Controls. Inc
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
Modbus gateway
logo
Weidmuller
1504460000 WEIDMULLER-1504460000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
1504470000 WEIDMULLER-1504470000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
logo
Schneider Electric
LUFP7 SCHNEIDER-LUFP7 Datasheet
111Kb / 2P
Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
May 11, 2022
logo
Advantech Co., Ltd.
EKI-1221I-MT ADVANTECH-EKI-1221I-MT Datasheet
470Kb / 2P
1-port Modbus Gateway with Fiber and WT
27-Feb-2020
EKI-1221R ADVANTECH-EKI-1221R Datasheet
572Kb / 2P
1-port Modbus Gateway/Router
17-Mar-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com