Electronic Components Datasheet Search
  English  ▼

X  

M65617 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M65617
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65617 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65617 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65617 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MITSUBISHI ICs (TV)
M65617SP
PICTURE-IN-PICTURE SIGNAL PROCESSING
5
SERIAL REGISTER INFORMATION (device address=24h, sub-address=00h to 0Fh)
Registers requiring user selection/adjustment setting are enclosed in rectangles.
Indication method of reference setting column: Thick letters: Fixed setting value
Standard letters: An example as setting for evaluation
∗/∗: 1/9 - 1/16 sizes
Sub-
address
Bit No.
Reference
setting
Register name
Function
00h
0
1
color (0)
Color saturation adjustment; min. value [0], max. value[63], 1/step [3Fh setting]
1
1
color (1)
2
1
color (2)
3
1
color (3)
4
1
color (4)
5
1
color (5)
6
1
color (6)
[1 setting]
7
0
killer
Color killer; ON [0], OFF [1], [0 setting]
01h
0
0
tint (0)
Tint adjustment; setting by complements of 2
0fl to -50fl [00h to 1Fh]
+50fl to 0fl [20h to 3Fh]
[Normally 00h setting]
1
0
tint (1)
2
0
tint (2)
3
0
tint (3)
4
0
tint (4)
5
0
tint (5)
6
0
afcoff
[0 setting]
7
NB
decode
Initialization of sub-screen color demodulation; normally [0], initialized [1]
Each time reset is cleared and sub-screen input source changed, operate in a
sequence of 0 - 1 - 0.
02h
0
0
evenupra
Setting of interlace leading line; leading field first/second [1/0], [0 setting]
1
0
bgcs
Forced writing of background level [1 significant, normally 0] [0 setting]
2
0
extport (0)
I2C bus expansion port data (optional function); [Set to either of them]
3
1
extport (1)
4
0
adclocksel (0)
Selection of adc clock delay; [00b setting]
5
0
adclocksel (1)
6
1
mode (0)
Selection of IC operation mode; [01b setting] 16 bits [0]
7
0
mode (1)
03h
0
1
crtint (0)
Setting of sub-screen tint offset; [11b setting]
1
1
crtint (1)
2
1/0
size-h
Horizontal size
3
0
hpfoff
Emphasis of high luminance signal area ON/OFF [0/1] [0 setting]
4
NB
bgpmsel
Selection of PIP-Y output clamping pulse; [0 setting when PIP is displayed]
1 in case of 03h<7>(rvs)=1 or
03h<6>(rvhs)=1,
0 in other cases
5
0/1
size
Vertical size
6
0
rvhs
Addition of sync, burst; OFF/ON [0/1] [Normally 0 setting when PIP is displayed]
70
rvs
Sync operation; Main input is followed [0], self-propelled [1] [0 setting when PIP is
displayed]
04h
0
0
ydl (0)
Setting of sub-screen Y delay amount
(D/A output phase against color signal); [4 setting]
Min. 280ns [0h], center 0ns [4h], max. +770ns [Fh]
1
0
ydl (1)
2
1
ydl (2)
3
0
ydl (3)
4
0
test acc lvl
acc reference level setting authorization; [1 significant] [0 setting]
5
1
wen
Display of field still screen/display of animation [0/1]
6
1
grc
Display of sub-screen frame; NO/YES [0/1]
7
NB
stnby=testreset
[0] setting (memory access not operated by [1])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com