Electronic Components Datasheet Search
  English  ▼

X  

BVS003K Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BVS003K
Description  Machine Vision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS003K Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BVS003K Datasheet HTML 1Page - Balluff Korea Ltd. BVS003K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Machine Vision
BVS CA-SF2-0032AG-112121-XAS2
Order Code: BVS003K
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 274758
ETIM 6.0:
BVS003K_1.34_2021-04-13
2 / 2
Material
Housing material
Aluminum, Powder coated,
Painted
Mechanical data
Dimension
40 x 40 x 50.9 mm
Lens mount
C-Mount
Weight
110 g
Remarks
Not included in the scope of delivery: camera lens, filter, light, connection cable – see www.balluff.de
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) Male 12-pin/ Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com