Electronic Components Datasheet Search
  English  ▼

X  

LB9180 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LB9180
Description  Watchdog Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB9180 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB9180 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB9180 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Data for application in connection with hazardous areas
Certificate
Temperature class
T4
Voltage Ui
29 V
Power Pi
800 mW
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Internal capacitance Ci
0 F
Internal inductance Li
0 H
General information
Supplementary information
Statement of Conformity, Declaration of Conformity, Attestation of Conformity and
instructions have to be observed where applicable. For information see www.pepperl-
fuchs.com.
Watchdog Plug
LB9180
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com