Electronic Components Datasheet Search
  English  ▼

X  

LB9199 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB9199
Description  Place Holder Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB9199 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB9199 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB9199 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Place Holder Module
LB9199
< Parking of field circuits
< blue screw terminal
I/O module placeholder, blue screw terminal
Technical Data
Supply
Rated voltage
Ur
Use only in connection with the power supplies LB9***
Input
Voltage
EN 61010-1 (Safety requirement: < 60 V, external supply SELV/PELV)
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 when mounted on backplane
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 65 g
Dimensions
16 x 100 x 102 mm (0.63 x 3.9 x 4 inch)
International approvals
UL approval
E106378
Control drawing
116-0321
Approved for
cUL (Canada): CL I Zn. 2 IIC; IS circuits for CL I Zn. 0 IIC
ULus (USA): CL I Div. 2 Grp. A, B, C, D; IS circuits for CL I, II, III Div. 1 Grp. A, B, C, D,
E, F, G
Marine approval
Bureau Veritas Marine
22449/B0 BV
General information
System information
The module has to be mounted in appropriate backplanes (LB9***) in Zone 2 or
outside hazardous areas. Here, observe the corresponding declaration of conformity.
For use in hazardous areas (e. g. Zone 2, Zone 22 or Div. 2) the module must be
installed in an appropriate enclosure.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB9199

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB9107.E.6 PF-LB9107.E.6 Datasheet
693Kb / 1P
Protective Cover for Ex e Modules
2020-03-30
LB9107.E.8 PF-LB9107.E.8 Datasheet
602Kb / 1P
Protective Cover for Ex e Modules
2020-03-30
LB9107A PF-LB9107A Datasheet
610Kb / 1P
Terminal Block
2020-03-30
LB9107P PF-LB9107P Datasheet
597Kb / 1P
Terminal Block
2020-03-30
LB9108A PF-LB9108A Datasheet
667Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
More results

Similar Description - LB9199

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD0-LGH.SP PF-KCD0-LGH.SP Datasheet
560Kb / 2P
Place Holder Barrier
KCD0-LGH PF-KCD0-LGH Datasheet
611Kb / 2P
Place Holder Barrier
FB9299B PF-FB9299B Datasheet
832Kb / 2P
Place Holder Module
FB9299B3 PF-FB9299B3 Datasheet
653Kb / 2P
Place Holder Module
KFD0-LGH PF-KFD0-LGH Datasheet
697Kb / 2P
Place Holder Barrier
KFD0-LGH-5T PF-KFD0-LGH-5T Datasheet
694Kb / 2P
Place Holder Barrier
KFD0-LGH-GN PF-KFD0-LGH-GN Datasheet
688Kb / 2P
Place Holder Barrier
LB9099 PF-LB9099 Datasheet
393Kb / 2P
Place Holder Module
2021-12-01
M-LB-5900 PF-M-LB-5900 Datasheet
592Kb / 2P
Place Holder Module
2022-01-15
M-LB-EX-5900 PF-M-LB-EX-5900 Datasheet
600Kb / 2P
Place Holder Module
2022-01-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com