Electronic Components Datasheet Search
  English  ▼

X  

LOC01HC Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LOC01HC
Description  Bluetooth짰 Low Energy Beacon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LOC01HC Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LOC01HC Datasheet HTML 1Page - Pepperl+Fuchs Inc. LOC01HC Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth® Low Energy Beacon
Loc 01 HC
< Compatible with Bluetooth® Low Energy from version 4.0
< Range inside buildings up to 30 m, outdoors up to 200 m
(Geolocation)
< Possibility to change important operating parameters "over the
air"
< Open firmware for individual BLE profile development (TI
CC2541)
< UV-resistant housing according to IP64 (can also be used
outdoors)
Loc 01 HC, Rugged/Industrial
Function
The rugged beacons Loc 01 HC and Loc 01 SC can be mounted directly on a suitable surface or easily adapted on the optional available
mounting plate (which facilitates the battery exchange of the beacons).
The Bluetooth® 4.0 standard makes the beacons compatible with currently popular smartphones and tablets. They can be recognized by such
devices over a distance of up to 200 m (outdoors). The beacon signals can be evaluated by the mobile device via individual applications and, in
this way, interact with the user or other programs.
Technical Data
Electrical specifications
Battery type
2 x LS14500 (type approved)
Operating duration
approx. 4 years in continuous operation with factory setting
Interface
Interface type
Bluetooth® Low Energy (from 4.0)
Transmitter radiated power
max. 8 dBm
Approvals and certificates
CE conformity
CE0102
Ambient conditions
Ambient temperature
-20 ... 55 °C (-4 ... 131 °F)
Storage temperature
-30 ... 30 °C (-22 ... 86 °F)
Mechanical specifications
Mass
approx. 180 g (including batteries)
Dimensions
48 mm x 111 mm x 102 mm (l x w x h)
General information
Scope of delivery
Loc 01 HC
Batteries
Documentation
Accessories
Mounting plate
Mounting plate for Loc-Ex® 01
Development Kit
Development Kit for Loc-Ex® 01
Module BLE USB Dongle
4.0
BT Dongle for Loc-Ex® 01
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LOC01HC

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results

Similar Description - LOC01HC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
BLUETOOTH짰 LOW ENERGY RF MODULES
logo
Texas Instruments
SWRU301A TI1-SWRU301A Datasheet
2Mb / 39P
Bluetooth짰 Low Energy CC2540 Development Kit
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
Bluetooth짰 Low Energy (BLE) Module
07/14/15
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
Bluetooth짰 Low Energy (BLE) SoC
07/14/15
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
Bluetooth짰 4.2 Low Energy Module
10/25/17
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
Single-chip Bluetooth짰 low energy solution
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
Bluetooth짰 Low Energy Module
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com