Electronic Components Datasheet Search
  English  ▼

X  

LULC031 Datasheet(PDF) 1 Page - Schneider Electric

Part # LULC031
Description  Modbus communication module - for TeSys U - 24 V DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LULC031 Datasheet(HTML) 1 Page - Schneider Electric

  LULC031 Datasheet HTML 1Page - Schneider Electric LULC031 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Modbus communication module - for
TeSys U - 24 V DC
LULC031
Price* : 218.00 USD
Main
Range
TeSys
Device short name
LUL
Product or Component Type
Communication module
Product Compatibility
LUCD
LUCA
LUCB
LUCL
LUCM
LUCC
Device Application
Communication
Range compatibility
TeSys U LUB non reversing power base
TeSys U LU2B reversing power base
Complementary
Main function available
Modbus communication module
Mounting Mode
Plug-in
Mounting Location
Front side
Physical interface
RS485 multidrop
Bus type
Modbus
Cable connector type
RJ45 front panel
Communication Port Protocol
Modbus RTU
Addressing
0...31
Transmission Rate
19200 bit/s
Return time
30 ms
Logic input
Positive 24 V DC - 7 mA
Response time
10 ms +/- 30 % change to state 0
10 ms +/- 30 % change to state 1
Input type
Resistive
Number of outputs
2 dedicated to starter-controller coil operation
1
[Us] rated supply voltage
24 V DC
Output Current
<= 500 mA
Protection Type
GG fuse 1 A
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LULC031

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results

Similar Description - LULC031

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LTMR100MBD SCHNEIDER-LTMR100MBD Datasheet
116Kb / 4P
motor controller LTMR TeSys T - 24 V DC 100 A for Modbus
Dec 24, 2020
LTMR08MBD SCHNEIDER-LTMR08MBD Datasheet
116Kb / 4P
motor controller LTMR TeSys T - 24 V DC 8 A for Modbus
Dec 24, 2020
LTMR27MBD SCHNEIDER-LTMR27MBD Datasheet
116Kb / 4P
motor controller LTMR TeSys T - 24 V DC 27 A for Modbus
Dec 24, 2020
logo
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
Modbus Serial Lite Communication Module
MVI69-MNET PROSOFT-MVI69-MNET Datasheet
337Kb / 2P
Modbus TCP/IP Communication Module for CompactLogix짰
MVI56E-MCM PROSOFT-MVI56E-MCM Datasheet
483Kb / 4P
Modbus Master/Slave Communication Module
logo
Schneider Electric
SR3MBU01BD SCHNEIDER-SR3MBU01BD Datasheet
109Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Sep 9, 2021
SR3MBU01BD SCHNEIDER-SR3MBU01BD_V01 Datasheet
158Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Mar 23, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com