Electronic Components Datasheet Search
  English  ▼

X  

3510 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3510
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510 Datasheet(HTML) 2 Page - Unisonic Technologies

  3510 Datasheet HTML 1Page - Unisonic Technologies 3510 Datasheet HTML 2Page - Unisonic Technologies 3510 Datasheet HTML 3Page - Unisonic Technologies 3510 Datasheet HTML 4Page - Unisonic Technologies 3510 Datasheet HTML 5Page - Unisonic Technologies 3510 Datasheet HTML 6Page - Unisonic Technologies 3510 Datasheet HTML 7Page - Unisonic Technologies 3510 Datasheet HTML 8Page - Unisonic Technologies 3510 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3510
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-048,B
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
PIN NAME
TYPE
DESCRIPTION
1
PGI
I
Power good input
2
GND
Ground
3
FPO
O
Fault protection output(invert), open drain output stage
4
PSON
I
ON/OFF control
5
VS33
I
3.3V over/under-voltage protection
6
VS5
I
5V over/under-voltage protection
7
VDD
I
Supply voltage/12V over-voltage protection input pin
8
PGO
O
Power good output, open drain output stage
PGO
VDD
VS5
VS33
PSON
FPO
GND
PGI
4
3
2
1
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com