Electronic Components Datasheet Search
  English  ▼

X  

3521 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3521
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3521 Datasheet(HTML) 1 Page - Unisonic Technologies

  3521 Datasheet HTML 1Page - Unisonic Technologies 3521 Datasheet HTML 2Page - Unisonic Technologies 3521 Datasheet HTML 3Page - Unisonic Technologies 3521 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC3521
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R502-034,A
PWM CONTROLLER WITH SUPERVISORY
CIRCUIT FOR SWITCHING POWER
SUPPLY
DESCRIPTION
UTC 3521 PWM controller is designed for switching mode
power supply for PCs etc. It provides all the functions similar
to combinations of industrial 494 plus 3510 circuits.
FEATURES
* Over-voltage protection for 3.3V, 5V and 12V with delay
* Under-voltage detection for 3.3V, 5V and 12V with delay
* Remote ON/OFF function
* Power good circuitry for PCs.
DIP-16
*Pb-free plating product number: 3521L
PIN CONFIGURATION
V33
V5
V12
PT
GND
CT
C1
C2
VADJ
OPNEGIN
OPOUT
DET
PG
TPG
REM
VCC
UTC 3521
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PIN DESCRIPTION
PIN NO.
PIN NAME
TYPE
FUNCTIONS
1
V33
I
OVP/UVP INPUT FOR 3.3V
2
V5
I
OVP/UVP INPUT FOR 5V
3
V12
I
OVP/UVP INPUT FOR 12V
4
PT
I
ADDITIONAL OVP PROTECTION
5
GND
P
GROUND
6
CT
CAP FOR OSCIILATION FREQUENCY
7
C1
O
OUTPUT 1
8
C2
O
OUTPUT 2
9
REM
I
REMOTE ON/OFF PIN.
10
TPG
POWER GOOD DELAY TIME SETTING
11
PG
O
POWER GOOD SIGNAL OUT.
12
DET
I
POWER GOOD SIGNAL DETECTION INPUT
13
VCC
P
SUPPLY VOLTAGE FOR IC
14
OPOUT
O
OP AMP OUTPUT
15
OPNEGIN
I
OP AMP NEGATIVE INPUT
16
VADJ
I
VOLTAGE ADJUST PIN


Similar Part No. - 3521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3521 UTC-3521 Datasheet
230Kb / 5P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
logo
Lumberg
3521 LUMBERG-3521 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3521 LUMBERG-3521 Datasheet
550Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
More results

Similar Description - 3521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com